Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH04070WAS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04070WAS
Description  3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04070WAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH04070WAS Datasheet HTML 7Page - Texas Instruments PTH04070WAS Datasheet HTML 8Page - Texas Instruments PTH04070WAS Datasheet HTML 9Page - Texas Instruments PTH04070WAS Datasheet HTML 10Page - Texas Instruments PTH04070WAS Datasheet HTML 11Page - Texas Instruments PTH04070WAS Datasheet HTML 12Page - Texas Instruments PTH04070WAS Datasheet HTML 13Page - Texas Instruments PTH04070WAS Datasheet HTML 14Page - Texas Instruments PTH04070WAS Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
www.ti.com
Power-Up Characteristics
t − 10 ms/div
VI (1 V/div)
VO (1 V/div)
II (1 A/div)
Current Limit Protection
Thermal Shutdown
Output On/Off Inhibit
PTH04070W
SLTS227 – SEPTEMBER 2004
When configured per the standard application, the PTH04070 power module produces a regulated output voltage
following the application of a valid input source voltage. During power up, internal soft-start circuitry slows the
rate that the output voltage rises, thereby limiting the amount of in-rush current that can be drawn from the input
source. The soft-start circuitry introduces a short time delay (typically 10 ms) into the power-up characteristic.
This is from the point that a valid input source is recognized. Figure 10 shows the power-up waveforms for a
PTH04070W, operating from a 3-V input and with the output voltage adjusted to 1.8 V. The waveforms were
measured with a 2-A resistive load.
Figure 10. Power-Up Waveforms
The PTH04070 modules protect against load faults with a continuous current limit characteristic. Under a load
fault condition, the output current cannot exceed the current limit value. Attempting to draw current that exceeds
the current limit value causes the output voltage to be progressively reduced. Current is continuously supplied to
the fault until it is removed. Upon removal of the fault, the output voltage will promptly recover.
Thermal shutdown protects the module internal circuitry against excessively high temperatures. A rise in
temperature may be the result of a drop in airflow, a high ambient temperature, or a sustained current limit
condition. If the junction temperature of the internal components exceeds 150
°C, the module shuts down. This
reduces the output voltage to zero. The module will start up automatically, by initiating a soft-start power up when
the sensed temperature decreases 10
°C below the thermal shutdown trip point.
For applications requiring output voltage on/off control, the PTH04070 power module incorporates an output
on/off Inhibit control (pin 5). The inhibit feature can be used wherever there is a requirement for the output
voltage from the regulator to be turned off.
The power module functions normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to Vin with respect to GND.
Figure 11 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit control
has its own internal pullup to VI potential. An open-collector or open-drain device is recommended to control this
input.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com