Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0521170341 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0521170341
Description  Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 3 Circuits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0521170341 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0521170341_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0521170341
Status:
Active
Overview:
Mizu-P25™ Miniature Waterproof Connectors
Description:
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 3 Circuits
Documents:
3D Model
Application Specification AS-52117-001-JP-001 (PDF)
Drawing (PDF)
Packaging Specification 521170000-P00 (PDF)
Product Specification PS-52117-007-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-52117-001-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
52117
Application
Signal, Wire-to-Wire
Application Tooling Part Link
57131-6000
Application Tooling Part Link
62202-4400
Overview
Mizu-P25™ Miniature Waterproof Connectors
Product Name
Mizu-P25 Waterproof, Splash Proof
UPC
800753693111
Physical
Circuits (maximum)
3
Color - Resin
Black
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
846.900/mg
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface
2.50mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3.0A
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-52117-001-001, AS-52117-001-JP-001
Packaging Specification
521170000-P00
Product Specification
PS-52117-007-001
Sales Drawing
SD-52117-001
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
52117 Series
Mates With
52116 Mizu-P25 2.50mm Pitch Waterproof
Wire-to-Wire Plug Housing
Use With
50039 Mizu-P25 Crimp Terminal
This document was generated on 10/09/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0521170341_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0521170341 MOLEX7-0521170341 Datasheet
127Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 3 Circuits
More results

Similar Description - 0521170341_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0521160340 MOLEX1-0521160340_17 Datasheet
33Kb / 1P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Plug Housing, 3 Circuits
0521160341 MOLEX1-0521160341_17 Datasheet
35Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Plug Housing, 3 Circuits
0521160342 MOLEX1-0521160342_17 Datasheet
35Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Plug Housing, 3 Circuits
0521170340 MOLEX1-0521170340_17 Datasheet
29Kb / 1P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 3 Circuits
0521170342 MOLEX1-0521170342_17 Datasheet
31Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 3 Circuits
0521170410 MOLEX1-0521170410_17 Datasheet
31Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 4 Circuits
0521170411 MOLEX1-0521170411_17 Datasheet
31Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 4 Circuits
0522130211 MOLEX1-0522130211_17 Datasheet
35Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 2 Circuits
0522130311 MOLEX1-0522130311_17 Datasheet
39Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 3 Circuits, Black
0522130417 MOLEX1-0522130417_17 Datasheet
39Kb / 2P
Mizu-P25 2.50mm Pitch Waterproof Wire-to-Wire Receptacle Housing, 4 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com