Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC567 Datasheet(PDF) 2 Page - Picker Components

Part # PC567
Description  Ultraminiature Automotive PCB Twin Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC567 Datasheet(HTML) 2 Page - Picker Components

  PC567_17 Datasheet HTML 1Page - Picker Components PC567_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC567 Rev J 10/23/2017
2 of 2
PC567
PC567
COIL DATA
DIMENSIONS inches/(mm)
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays.
Must Operate Voltage and Release voltages are for test purposes only and are not to be used as design criteria.
Relay
(Side View)
PC Board Layout
(Top View)
Relay
(Front View)
Wire Diagram
Terminal Layout
(Bottom View)
Coil Voltage
Resistance
( Ohms ±
10% )
Must Operate
Voltage Max
( VDC )
Must Release
Voltage Min.
( VDC )
Coil Power
( VDC )
( mW )
Rated
Max
12H
16
384
6.5
1
800
.157
(4.0)
.035
(0.9)
.331
(8.4)
O .063
(1.6)
O .039
(1.0)
6 Holes
4 Holes
.157
(4.0)
.035
(0.9)
.331
(8.4)
0.12 x .024
0.3 x 0.6
0.12 x .047
0.3 x 1.2
4 Pins
6 Pins



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com