Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC782H Datasheet(PDF) 1 Page - Picker Components

Part # PC782H
Description  35 Amp Micro ISO Automotive Plug In / PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC782H Datasheet(HTML) 1 Page - Picker Components

  PC782H Datasheet HTML 1Page - Picker Components PC782H Datasheet HTML 2Page - Picker Components PC782H Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC782 Rev - 10/04/2017
1 of 3
35 Amp Micro ISO Automotive Plug In / PCB
PC782H
ORDERING INFORMATION
Example:
PC782
-1C
-P
-12
S
-R
-X
Model:
PC782
Contact Form:
1A: 1 Form A (SPST-NO)
1C: 1 Form C (SPDT)
Mounting Version:
Nil: Plug-In; P: PCB
Coil Voltage:
12: 12 VDC; 24: 24 VDC
Enclosure:
C: Dust Cover, S: Sealed Case
Parallel Component: Nil: None; D: Diode, R: Resistor
RoHS Compliant:
-X
Box Quantity: 1,000; Inner Box: 500
See SC782 for Available Sockets
CONTACT RATINGS 14 VDC at 25oC
CONTACT RATINGS 28 VDC at 25oC
CHARACTERISTICS
CONTACT DATA
Operate Time
<10 msec max.
Release Time
<10 msec max
Insulation Resistance
100 MΩ Min at 500VDC
500 V 50 Hz Between Contacts
Dielectric Strength
500 V 50 Hz Between Contact and Coils
Shock Resistance
100 m/s2 11ms
Vibration Resistance
10 Hz—55 Hz Double Amplitude 1.5 mm
Terminal Strength
8N 4N (PC type)
Power Consumption
1.5 W ( 12V ); 1.8 W ( 24V )
Solderability
255°C ± 2°C 3 s ± 0.5 s
Operating Temperature Range
- 40 to 125
°C
Storage Temperature Range
- 40 to 155
°C
Weight
18 grams
Material
AgSnO2
Initial Contact Resistance
50 mΩ Max
Service Life
Electrical
1 x 105 Operations
Mechanical
1 x 107 Operations
(1)With current load applied for a maximum of 3 seconds at a maximum duty cycle of 10%.
CHARACTERISTICS Continued
FEATURES
 Micro Size Plug-in Design
 1A (SPST-NO) and 1C (SPDT) Contact Forms Available
 Contact Switching Capacity up to 90 Amps
 125°C Operating Temperature
 PC Board Version Available
 See SC782 for Available Sockets
 Internal Diodes or Resistors Available
 RoHS Compliant
 Fully Automated Assembly
Contact Form
1 Form A
(SPST-NO)
1 Form C
(SPDT)
Normally Open Normally Open Normally Closed
Max Switching Current
Make 20A (1) Make 17.5 A (1)
Make 10 A(1)
Break 17.5 A
Break 10 A
Break 10 A
Max Continuous Current
17.5 A @ 25
°C 10 A @ 25°C
7.5A @ 25
°C
12.5 A @ 85
°C 5 A @ 85°C
5A @ 85
°C
Max Switching Voltage
28 VDC
Max. Switching Power
560 W
Contact Form
1 Form A
(SPST-NO)
1 Form C
(SPDT)
Normally Open Normally Open Normally Closed
Max Switching Current
Make 40 A (1)
Make 35A (1)
Make 20 A(1)
Break 35 A
Break 20 A
Break 20 A
Max Continuous Current
35 A @ 25
°C 20 A @ 25°C
15 A @ 25
°C
25 A @ 85
°C 10 A @ 85°C
10 A @ 85
°C
Max Switching Voltage
28 VDC
Max. Switching Power
560 W


Similar Part No. - PC782H

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC782 PICKER-PC782 Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC782 PICKER-PC782 Datasheet
362Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12C PICKER-PC7821A-12C Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12CD PICKER-PC7821A-12CD Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
PC7821A-12CR PICKER-PC7821A-12CR Datasheet
171Kb / 2P
Micro Automotive Plug In / PCB Power Relay
More results

Similar Description - PC782H

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795_16 Datasheet
629Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC7150 PICKER-PC7150_15 Datasheet
661Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC780 PICKER-PC780 Datasheet
541Kb / 2P
25/20 Amp Automotive Plug-In Micro ISO Relay
PC781 PICKER-PC781 Datasheet
444Kb / 2P
15 Amp Micro ISO 280 Automotive Plug-In Relay
PC783 PICKER-PC783 Datasheet
711Kb / 2P
35 Amp Micro ISO Automotive Plug In / PCB Relay
PC792B PICKER-PC792B Datasheet
679Kb / 2P
40/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792C PICKER-PC792C_17 Datasheet
614Kb / 2P
50/40 Amp Automotive Plug-In / PCB Mini ISO Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796_17 Datasheet
631Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com