Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AESD12EB Datasheet(PDF) 2 Page - StarHope

Part # AESD12EB
Description  Electro-Static Discharge for Aotomobile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

AESD12EB Datasheet(HTML) 2 Page - StarHope

  AESD12EB Datasheet HTML 1Page - StarHope AESD12EB Datasheet HTML 2Page - StarHope AESD12EB Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings(@25
Unless Otherwise Specified)
℃
Parameter
Symbol
Value
Units
Peak Pulse Power(tp=8/20μs waveform)
Lead Soldering Temperature
Operating Temperature Range
Storage Temperature Range
PPP
TL
TJ
TSTG
100
260(10 sec.)
-55~150
-55~150
Watts
℃
℃
℃
Maximum Ratings(T =25
unless otherwise noted )
A
℃
Electrical Characteristics(Ta=25
unless otherwise specified)
℃
Ratings and Characteristic Curves
SPSEMI
www.spsemi.cn
Page 2 of 3
Parameter
Symbol
Conditions
Units
Min.
Typ.
Max.
AESD12EB(Marking: DC )
Reverse Stand-off Voltage
Breakdown Voltage
Clamping Voltage
Clamping Voltage
Reverse Leakage Current
Junction Capacitance
VRWM
VBR
C
V
C
V
R
I
CI/O
12
17
26
1
I=1mA
T
I
=1A,tp=8/20μs
PP
I
=3A,tp=8/20μs
PP
@VRWM
13.3
V
V
V
V
μA
F
p
0Vdc,f=1MHz
Between I/O Pins and GND
10
Fig.1 Pulse Waveform
5
010
30
15
0
10
Time(
)
μs
Fig.2 Non-Repetitive Peak Pulse Power vs.Pulse Time
0
0.01
1
10
100
1000
0.1
1
10
Pulse Duration-tp(μs)
20
25
20
30
40
50
60
70
80
90
100
110
t=I
/2
d
PP
Waveform
Parameters:
tr=8μs
t =20μs
d
e
-1
ESD/AESD12EB
..
.
REV 2017 07 24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com