Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF101S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF101S
Description  1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF101S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF101S Datasheet HTML 1Page - Chip Integration Technology Corporation DF101S Datasheet HTML 2Page - Chip Integration Technology Corporation DF101S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Surface mount type for automated replacement.
Ideal for printed board.
Low forward drop down voltage.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF101SG.
Lead-free parts meet RoHS requirments.
Surge overload ratings to 30 amperes peak.
DFS
• Case : Molded plastic, DFS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 1.00 gram
• Epoxy:UL94-V0 rated flame retardant
DF101S THRU DF107S
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@0.5A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF102S
DF103S
DF104S
DF101S
DF105S
DF106S
Symbol
DBL102S
DBL103S
DBL104S
DBL101S
DBL105S
DBL106S
100
200
400
50
600
800
1.05
700
1000
DF107S
DBL107S
1000
.255(6.5)
.094(2.4)
.406(10.3)
.013(.33)
.060(1.53)
.205(5.2)
.335(8.51)
.047(1.2)
.245(6.2)
.091(2.3)
.386(9.8)
.003(.076)
.040(1.02)
.195(5.0)
.320(8.13)
.040(1.02)
+
~
~
Document ID : DS-22B24
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
I
O
I
FSM
I
R
Forward rectified current
Forward surge current
Reverse current
Parameter
O
at TA = 25 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
500
10
1.0
30
A
A
uA
T
STG
Storage temperature
-55
+150
OC
2
I t
Current squared time
3.7
2
A S
R
θJA
Thermal resistance
68
OC/W
O
t < 8.3ms, T = 25 C
J
junction to ambient


Similar Part No. - DF101S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
DF101 CITC-DF101 Datasheet
91Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Schneider Electric
DF101 SCHNEIDER-DF101 Datasheet
91Kb / 3P
Fuse carrier TeSys DF, 1P 32A, fuse size 10 x 38 mm
Jul 12, 2021
DF101 SCHNEIDER-DF101 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 32A, fuse size 10 x 38 mm
May 30, 2022
DF101N SCHNEIDER-DF101N Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10 x 38 mm
Jul 12, 2021
DF101N SCHNEIDER-DF101N Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 32A, fuse size 10 x 38 mm
May 30, 2022
More results

Similar Description - DF101S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Chip Integration Techno...
AB102S CITC-AB102S Datasheet
94Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB101S CITC-DB101S Datasheet
104Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF101 CITC-DF101 Datasheet
91Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1005 CITC-DF1005 Datasheet
151Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1005S CITC-DF1005S Datasheet
153Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB1005S CITC-MB1005S Datasheet
151Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com