Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF151 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF151
Description  1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF151 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF151 Datasheet HTML 1Page - Chip Integration Technology Corporation DF151 Datasheet HTML 2Page - Chip Integration Technology Corporation DF151 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF151G.
Lead-free parts meet RoHS requirments.
Surge overload ratings to 30 amperes peak.
DF
• Case : Molded plastic, DF
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 0.38 gram
• Epoxy:UL94-V0 rated flame retardant
DF151 THRU DF157
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Document ID : DS-21B17
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
I
O
I
FSM
I
R
Forward rectified current
Forward surge current
Reverse current
Parameter
O
at TA = 25 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
500
10
1.5
30
A
A
uA
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@1.5A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF152
DF153
DF154
DF151
DF155
DF156
Symbol
DBL152
DBL153
DBL154
DBL151
DBL155
DBL156
100
200
400
50
600
800
1.1
700
1000
DF157
DBL157
1000
.256(6.5)
.094(2.4)
.185(4.69)
.350(8.9)
.205(5.2)
.335(8.51)
.244(6.2)
.091(2.3)
.150(3.81)
.299(7.6)
.197(5.0)
.320(8.13)
.080(2.03)
.050(1.27)
+
~
~
-
.023(0.58)
.018(0.46)
.013(0.33)
.009(0.22)
T
STG
Storage temperature
-55
+150
OC
2
I t
Current squared time
3.7
2
A S
R
θJA
Thermal resistance
68
OC/W
O
t < 8.3ms, T = 25 C
J
junction to ambient


Similar Part No. - DF151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF151 WTE-DF151 Datasheet
45Kb / 3P
1.5A GLASS PASSIVATED BRIDGE RECTIFIER
DF151 WTE-DF151 Datasheet
56Kb / 4P
1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
DF151 SMC-DF151 Datasheet
149Kb / 4P
Glass passivated die construction
logo
SMC Diode Solutions Co....
DF151 SMCDIODE-DF151 Datasheet
303Kb / 5P
DF151 THRU DF157 SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Rev. A
logo
Won-Top Electronics
DF151 WTE-DF151 Datasheet
54Kb / 4P
1.5A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
More results

Similar Description - DF151

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Chip Integration Techno...
DF151S CITC-DF151S Datasheet
93Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF1505S CITC-DF1505S Datasheet
151Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com