Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF201S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF201S
Description  2A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF201S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF201S Datasheet HTML 1Page - Chip Integration Technology Corporation DF201S Datasheet HTML 2Page - Chip Integration Technology Corporation DF201S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Surface mount type for automated replacement.
Ideal for printed board.
Low forward drop down voltage.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF201SG.
Lead-free parts meet RoHS requirments.
Surge overload ratings to 60 amperes peak.
DFS
• Case : Molded plastic, DFS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 1.00 gram
• Epoxy:UL94-V0 rated flame retardant
DF201S THRU DF207S
2A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@2A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF202S
DF203S
DF204S
DF201S
DF205S
DF206S
Symbol
DBL202S
DBL203S
DBL204S
DBL201S
DBL205S
DBL206S
100
200
400
50
600
800
1.1
700
1000
DF207S
DBL207S
1000
Document ID : DS-22B19
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
.255(6.5)
.094(2.4)
.406(10.3)
.013(.33)
.060(1.53)
.205(5.2)
.335(8.51)
.047(1.2)
.245(6.2)
.091(2.3)
.386(9.8)
.003(.076)
.040(1.02)
.195(5.0)
.320(8.13)
.040(1.02)
+
~
~
I
O
I
FSM
I
R
Forward rectified current
Forward surge current
Reverse current
Parameter
O
at TA = 25 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
500
10
2.0
60
A
A
uA
T
STG
Storage temperature
-55
+150
OC
2
I t
Current squared time
15
2
A S
R
θJA
Thermal resistance
68
OC/W
O
t < 8.3ms, T = 25 C
J
junction to ambient


Similar Part No. - DF201S

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DF201S DIOTECH-DF201S Datasheet
983Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DF201S SECOS-DF201S Datasheet
227Kb / 2P
Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
DF201S PACELEADER-DF201S Datasheet
193Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Thinki Semiconductor Co...
DF201S THINKISEMI-DF201S Datasheet
1Mb / 2P
2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
DF201S FS-DF201S Datasheet
479Kb / 2P
Bridge Rectifier
More results

Similar Description - DF201S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Chip Integration Techno...
DF201 CITC-DF201 Datasheet
103Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF2005 CITC-DF2005 Datasheet
149Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
KBP2005 CITC-KBP2005 Datasheet
91Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com