Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1005 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF1005
Description  1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF1005 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF1005 Datasheet HTML 1Page - Chip Integration Technology Corporation DF1005 Datasheet HTML 2Page - Chip Integration Technology Corporation DF1005 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF1005G.
Lead-free parts meet RoHS requirments.
UL recognized file # E321971
Surge overload ratings to 30 amperes peak.
DF
• Case : Molded plastic, DF
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 0.38 gram
• Epoxy:UL94-V0 rated flame retardant
DF1005 THRU DF110
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
.255(6.5)
.102(2.6)
.193(4.9)
.350(8.9)
.205(5.2)
.346(8.8)
.245(6.2)
.089(2.2)
.146(3.7)
.300(7.6)
.195(5.0)
.307(7.8)
.079(2.0)
.047(1.2)
.020(0.5)TYP.
+
~
~
-
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
O
at TA = 40 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
500
5.0
1.0
30
A
A
uA
OC
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@1A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF101
DF102
DF104
DF1005
DF106
DF108
Symbol
DF101
DF102
DF104
DF1005
DF106
DF108
100
200
400
50
600
800
1.1
700
1000
DF110
DF110
1000
Document ID : DS-11B25
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - DF1005

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
DF1005S CITC-DF1005S Datasheet
153Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results

Similar Description - DF1005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Chip Integration Techno...
AB102S CITC-AB102S Datasheet
94Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DB101S CITC-DB101S Datasheet
104Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF101 CITC-DF101 Datasheet
91Kb / 3P
1A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF101S CITC-DF101S Datasheet
93Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF1005S CITC-DF1005S Datasheet
153Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
MB1005S CITC-MB1005S Datasheet
151Kb / 3P
1A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com