Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1505 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF1505
Description  1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF1505 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF1505 Datasheet HTML 1Page - Chip Integration Technology Corporation DF1505 Datasheet HTML 2Page - Chip Integration Technology Corporation DF1505 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF1505G.
Lead-free parts meet RoHS requirments.
UL recognized file # E321971
•
•
•
•
•
•
•
•
•
Surge overload ratings to 50 amperes peak.
DF
• Case : Molded plastic, DF
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 0.38 gram
• Epoxy:UL94-V0 rated flame retardant
DF1505 THRU DF1510
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
.255(6.5)
.102(2.6)
.193(4.9)
.350(8.9)
.205(5.2)
.346(8.8)
.245(6.2)
.089(2.2)
.146(3.7)
.300(7.6)
.195(5.0)
.307(7.8)
.079(2.0)
.047(1.2)
.020(0.5)TYP.
+
~
~
-
Document ID : DS-11B17
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
O
at TA = 40 C
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
500
5.0
1.5
50
A
A
uA
OC
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@1.5A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF151
DF152
DF154
DF1505
DF156
DF158
Symbol
DF151
DF152
DF154
DF1505
DF156
DF158
100
200
400
50
600
800
1.1
700
1000
DF1510
DF1510
1000


Similar Part No. - DF1505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF15050DP-0.65V50 ETC1-DF15050DP-0.65V50 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
DF15050DP-0.65V51 ETC1-DF15050DP-0.65V51 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
DF15050DS-0.65V50 ETC1-DF15050DS-0.65V50 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
DF15050DS-0.65V51 ETC1-DF15050DS-0.65V51 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
logo
Chip Integration Techno...
DF1505S CITC-DF1505S Datasheet
151Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results

Similar Description - DF1505

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF151S CITC-DF151S Datasheet
93Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF1505S CITC-DF1505S Datasheet
151Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com