Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF1505S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # DF1505S
Description  1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

DF1505S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  DF1505S Datasheet HTML 1Page - Chip Integration Technology Corporation DF1505S Datasheet HTML 2Page - Chip Integration Technology Corporation DF1505S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
Surface mount type for automated replacement.
Ideal for printed board.
Low forward drop down voltage.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.DF1505SG.
Lead-free parts meet RoHS requirments.
UL recognized file # E321971
•
•
•
•
•
•
•
•
•
Surge overload ratings to 30 amperes peak.
DFS
• Case : Molded plastic, DFS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Mounting Position : Any
• Weight : Approximated 1.00 gram
• Epoxy:UL94-V0 rated flame retardant
DF1505S THRU DF1510S
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@1.5A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
DF151S
DF152S
DF154S
DF1505S
DF156S
DF158S
Symbol
DF151S
DF152S
DF154S
DF1505S
DF156S
DF158S
100
200
400
50
600
800
1.1
700
1000
DF1510S
DF1510S
1000
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
O
at T = 40 C
A
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
500
5.0
1.5
50
A
A
uA
OC
.255(6.5)
.335(8.5)
.102(2.6)
.410(10.4)
.013(.33)
.060(1.5)
.205(5.2)
.346(8.8)
.047(1.2)
.245(6.2)
.307(7.8)
.089(2.2)
.360(9.4)
.003(.08)
.040(1.0)
.195(5.0)
.307(7.8)
.038(1.0)
+
~
~
Document ID : DS-12B08
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - DF1505S

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
DF15050DP-0.65V50 ETC1-DF15050DP-0.65V50 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
DF15050DP-0.65V51 ETC1-DF15050DP-0.65V51 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
DF15050DS-0.65V50 ETC1-DF15050DS-0.65V50 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
DF15050DS-0.65V51 ETC1-DF15050DS-0.65V51 Datasheet
366Kb / 11P
0.65mm Pitch SMT Board to Board Connector
More results

Similar Description - DF1505S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Chip Integration Techno...
DF151 CITC-DF151 Datasheet
91Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
DF151S CITC-DF151S Datasheet
93Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
DF1505 CITC-DF1505 Datasheet
149Kb / 3P
1.5A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com