Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALN0892R2 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ALN0892R2
Description  Internally Matched LNA Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0892R2 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

  ALN0892R2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ALN0892R2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7/8
www.asb.co.kr
June 2017
plerowTM ALN0892R2
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-23.76
-23.74
33.66
1.09
0.695
20.39
33.01
80
4.6
-24.01
-25.55
33.77
1.08
0.700
20.66
34.17
86
4.7
-24.24
-23.25
33.87
1.08
0.715
20.91
35.32
91
4.8
-24.56
-22.91
33.95
1.09
0.704
21.15
36.11
97
4.9
-24.77
-22.92
34.02
1.08
0.705
21.36
36.65
102
5.0
-25.04
-22.93
34.08
1.08
0.722
21.58
36.89
108
5.1
-25.21
-22.94
34.14
1.08
0.732
21.78
36.79
113
5.2
-25.37
-22.98
34.18
1.08
0.738
21.96
36.61
118
5.3
-25.63
-23.10
34.22
1.08
0.746
22.14
36.34
123
5.4
-25.85
-23.24
34.24
1.09
0.767
22.30
36.19
127
5.5
-26.01
-23.52
34.25
1.09
0.765
22.46
35.86
132
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-22.74
-18.26
34.96
1.07
0.515
22.00
36.23
100
- 20
C
-23.48
-19.35
34.85
1.08
0.586
21.93
36.59
101
0
C
-23.72
-20.54
34.75
1.08
0.647
21.85
36.45
102
25
C
-23.36
-22.07
34.59
1.08
0.745
21.62
36.48
105
40
C
-23.04
-23.25
34.49
1.08
0.788
21.51
36.43
106
60
C
-22.68
-24.82
34.30
1.09
0.881
21.27
35.52
106
80
C
-22.19
-26.63
34.07
1.10
0.957
20.94
34.02
107
100
C
-21.94
-28.37
33.84
1.09
1.057
20.36
33.53
105
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com