Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC795 Datasheet(PDF) 2 Page - Picker Components

Part # PC795
Description  80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC795 Datasheet(HTML) 2 Page - Picker Components

  PC795_17 Datasheet HTML 1Page - Picker Components PC795_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC795 Rev K 09/27/2017
2 of 2
COIL DATA
DIMENSIONS (mm / inches)
Metal Bracket “C2”
PC Pins P”
Plug In “C”
Plastic Bracket “C1”
Coil Temperature Rise @
40A Carrying Current
Coil Temperature Rise
20oC Ambient
Max Value for Switching
Capacity
PC795
PC795
1A
1C
1U
NOTES:
The use of any coil voltage less that the rated voltage will compromise the operation of the relays. Must Operate Voltage and Release Voltages are for test
purposes only and are not to be used as design criteria.
Coil Voltage
Resistance (Ohms ± 10%)
Coil Power
Must Operate
Voltage Max
(VDC)
Must Release
Voltage Min.
(VDC)
(VDC)
Rated
Max
1.8W
2.3W
2.6W
6
7.8
20
15.6
13.8
3.9
0.6
12
15.6
80
62.6
55.4
7.8
1.2
24
31.2
320
250.4
221.5
15.6
2.4
48
62.4
1280
1001.6
886.0
31.2
4.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com