Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS374 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LS374
Description  OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LS374 Datasheet(HTML) 5 Page - Texas Instruments

  SN54LS374 Datasheet HTML 1Page - Texas Instruments SN54LS374 Datasheet HTML 2Page - Texas Instruments SN54LS374 Datasheet HTML 3Page - Texas Instruments SN54LS374 Datasheet HTML 4Page - Texas Instruments SN54LS374 Datasheet HTML 5Page - Texas Instruments SN54LS374 Datasheet HTML 6Page - Texas Instruments SN54LS374 Datasheet HTML 7Page - Texas Instruments SN54LS374 Datasheet HTML 8Page - Texas Instruments SN54LS374 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54LS373, SN54LS374, SN54S373, SN54S374,
SN74LS373, SN74LS374, SN74S373, SN74S374
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SDLS165B – OCTOBER 1975 – REVISED AUGUST 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic of inputs and outputs
Output
TYPICAL OF ALL OUTPUTS
VCC
100
Ω NOM
VCC
Req = 20 kΩ NOM
Input
Input
VCC
17 k
Ω NOM
’LS373
EQUIVALENT OF DATA INPUTS
EQUIVALENT OF ENABLE- AND
OUTPUT-CONTROL INPUTS
EQUIVALENT OF CLOCK- AND
OUTPUT-CONTROL INPUTS
’LS374
EQUIVALENT OF DATA INPUTS
30 k
Ω NOM
Input
VCC
17 k
Ω NOM
VCC
Input
Output
TYPICAL OF ALL OUTPUTS
VCC
100
Ω NOM



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com