Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSMB-SR-PC-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # SSMB-SR-PC-CF
Description  Low Profile Push-On Coaxial Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

SSMB-SR-PC-CF Datasheet(HTML) 1 Page - DDK Ltd.

  SSMB-SR-PC-CF Datasheet HTML 1Page - DDK Ltd. SSMB-SR-PC-CF Datasheet HTML 2Page - DDK Ltd. SSMB-SR-PC-CF Datasheet HTML 3Page - DDK Ltd. SSMB-SR-PC-CF Datasheet HTML 4Page - DDK Ltd. SSMB-SR-PC-CF Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Please acknowledge that the specification etc. of this catalog might change by the improvement etc. without a previous notice.
 Moreover, the characteristic and the specification of the published product are the reference values.
 Please confirm the content with the latest delivery specifications when you use the product.
・Low profile coaxial connector with push on lock
coupling which is conforms to IEC Pub. 169-19.
・Mating heights from PCB are available in
conbination SP and LR (6mm) and conbination
LP and SR(11mm).
SSMB Series
Low Profile Push-On Coaxial Connector
RoHS
Compliant
RoHS
Compliant
Item
Material / Finish
Shell (Body)
Copper Alloy / Au Plating
Contact (Male)
Copper Alloy / Au Plating
Contact (Female) Copper Alloy / Au Plating
Insulator
PTFE
121226
FEATURE
CONFORMING STANDARD
IEC-Pub. 169-19
Characteristic Impedance
 50 Ω
Rated Voltage
250VAC(r.m.s.)
Dielectric Withstanding Voltage 500V AC(r.m.s.)for1 minute
Insulation Resistance
1.000M Ω Mim. at 250V DC
Contact Resistance
Center Conductor 7.5m Ω Max.
Outer Conductor 2.5m Ω Max.
V.S.W.R.
1.3 max. at DC to 2GHz
Operating Temperature
-40 〜 +85℃
SPECIFICATIONS
* The specifications are typical but may not apply to all connectors. Please check  
the specifications on each item with its drawing from us when you use.
MATERIAL/FINISH
Frequency
Range
DC to 2GHz
50 Ω
Lock Type
Push On
Characteristic
Impedance


Similar Part No. - SSMB-SR-PC-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
SSMB-SR-PC-1 DDK-SSMB-SR-PC-1 Datasheet
222Kb / 2P
SSMB Type Connectors
More results

Similar Description - SSMB-SR-PC-CF

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MRF01-J-178 HIROSE-MRF01-J-178 Datasheet
106Kb / 4P
Push-On Coaxial Connectors (PC Card Type 2 Mountable)
POD1-J-1.5V-C HIROSE-POD1-J-1.5V-C Datasheet
149Kb / 4P
POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS
logo
DDK Ltd.
MCX DDK-MCX Datasheet
567Kb / 2P
Low Profile Push-On Coaxial Connectors
PMQ DDK-PMQ Datasheet
684Kb / 3P
Compact Push-On Locking Coaxial Connector
SSMB DDK-SSMB Datasheet
844Kb / 5P
Low Profile Push-On Coaxial Connector
Y90 DDK-Y90 Datasheet
368Kb / 3P
Low Profile Coaxial Connector
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
Ultra- Miniature Push-on Lock Coaxial Connectors
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
Push-on Lock Coaxial Connectors for Digital Broadcasting
logo
DDK Ltd.
MCX-LP-1.5DHQS-CR1-1 DDK-MCX-LP-1.5DHQS-CR1-1 Datasheet
568Kb / 2P
Low Profile Push-On Coaxial Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com