Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGY40NC60V Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGY40NC60V
Description  N-CHANNEL 50A - 600V - Max247 Very Fast PowerMESH IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGY40NC60V Datasheet(HTML) 4 Page - STMicroelectronics

  STGY40NC60V Datasheet HTML 1Page - STMicroelectronics STGY40NC60V Datasheet HTML 2Page - STMicroelectronics STGY40NC60V Datasheet HTML 3Page - STMicroelectronics STGY40NC60V Datasheet HTML 4Page - STMicroelectronics STGY40NC60V Datasheet HTML 5Page - STMicroelectronics STGY40NC60V Datasheet HTML 6Page - STMicroelectronics STGY40NC60V Datasheet HTML 7Page - STMicroelectronics STGY40NC60V Datasheet HTML 8Page - STMicroelectronics STGY40NC60V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STGY40NC60VD
4/11
Table 10: Collector-Emitter Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vf
Forward On-Voltage
If = 20 A
If = 20 A, Tj = 125 °C
1.5
1
2.2
V
V
trr
ta
Qrr
Irrm
S
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Softness factor of the diode
If = 20 A ,VR = 40 V,
Tj = 25°C, di/dt = 100 A/
µs
(see Figure 22)
44
32
66
3
0.375
ns
ns
nC
A
trr
ta
Qrr
Irrm
S
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
Softness factor of the diode
If = 20 A ,VR = 40 V,
Tj =125°C, di/dt = 100 A/
µs
(see Figure 22)
88
56
237
5.4
0.57
ns
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com