Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # GS1A
Description  1A Surface Mount General Purpose Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GS1A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  GS1A Datasheet HTML 1Page - Chip Integration Technology Corporation GS1A Datasheet HTML 2Page - Chip Integration Technology Corporation GS1A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low profile surface mounted application in order to
•
optimize board space.
High current capability.
•
High surge capability.
•
Glass passivated chip junction inside.
•
Suffix "G" indicates Halogen-free part, ex.GS1AG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
GS1A THRU GS1M
1A Surface Mount General Purpose Rectifiers
I
O
I
F S M
I
R
T
S T G
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 125 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
100
5.0
1.0
30
A
A
uA
O C
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
R R M
100
200
400
50
600
800
Marking code
GS1B
GS1D
GS1G
GS1A
GS1J
GS1K
Symbol
GS1M
GS1B
GS1D
GS1G
GS1A
GS1J
GS1K
GS1M
1000
100
200
400
50
600
800
1000
700
SMA(DO-214AC)
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / SMA
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.002 ounce, 0.055 gram
C
J
Diode junction capacitance
15
pF
R
θ J A
Thermal resistance
75
O C/W
Junction to ambient
f=1MHz and applied 4V DC reverse voltage
Document ID : DS-12G04
Revised Date : 2016/12
Revision : C2
O
at T = 110 C
L
-55 ~ +150
Max.
forward voltage
O
@1.0A, T = 25 C
A
V (V)
F
1.10
Marking code
0.098 (2.50)
0.067 (1.70)
0.067 (1.70)
0.047 (1.20)
0.114 (2.90)
0.083 (2.10)
0.187 (4.75)
0.157 (4.00)
0.012 (0.30)
TYP.
0.224 (5.70)
0.185 (4.70)
0.061 (1.55)
0.030 (0.75)
0.008 (0.20)
0.003 (0.08)
Operating Junction
O
temperature T ( C)
J


Similar Part No. - GS1A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A Datasheet
53Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Surge Components
GS1A SURGE-GS1A Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Transys Electronics
GS1A TRSYS-GS1A Datasheet
172Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
GS1A WTE-GS1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Jinan Gude Electronic D...
GS1A JGD-GS1A Datasheet
149Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results

Similar Description - GS1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S2A CTC-S2A Datasheet
108Kb / 2P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Chip Integration Techno...
BGP4001W-F CITC-BGP4001W-F Datasheet
458Kb / 3P
1A Surface Mount General Purpose Rectifiers
BGP4001W-S CITC-BGP4001W-S Datasheet
91Kb / 3P
1A Surface Mount General Purpose Rectifiers
BGP4001W-ST CITC-BGP4001W-ST Datasheet
92Kb / 3P
1A Surface Mount General Purpose Rectifiers
GS1AAS CITC-GS1AAS Datasheet
458Kb / 3P
1A Surface Mount General Purpose Rectifiers
GS1R CITC-GS1R Datasheet
578Kb / 3P
1A Surface Mount General Purpose Rectifiers
logo
Nantong Hornby Electron...
S3XF HORNBY-S3XF Datasheet
228Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com