Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU4005 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # KBU4005
Description  4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

KBU4005 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  KBU4005 Datasheet HTML 1Page - Chip Integration Technology Corporation KBU4005 Datasheet HTML 2Page - Chip Integration Technology Corporation KBU4005 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
Recommended for non-automatic applications.
Ideal for & save space on printed circuit board.
Applicable for automatic insertion.
Reliable low cost construction utilizing molded plastic
technology results in inexpensive product.
Glass passivated chip junctions.
Suffix "G" indicates Halogen-free part, ex.KBU4005G.
Lead-free parts meet RoHS requirments.
Surge overload ratings to 150 amperes peak.
KBU
• Case : Molded plastic, KBU
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Weight : Approximated 8.0 gram
• Epoxy:UL94-V0 rated flame retardant
KBU4005 THRU KBU410
4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@4A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
RRM
100
200
400
50
600
800
Marking code
KBU401
KBU402
KBU404
KBU4005
KBU406
KBU408
Symbol
KBU01
KBU02
KBU04
KBU005
KBU06
KBU08
100
200
400
50
600
800
1.1
700
1000
KBU410
KBU10
1000
Document ID : DS-21B15
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1
.935(23.70)
.780(19.8)
.789(20.0)
.52(1.3)
.181(4.6)
.22(5.6)
.280(7.1)
.15x.23L(3.8x5.7L)
-
+
AC
.895(22.70)
HOLE THRU
Min.
.268(6.8)
.48(1.2)
.18(4.6)
.740(18.8)
.197(5.0)
.323(8.2)
Max
I
O
I
FSM
I
R
T
STG
Forward rectified current
Forward surge current
Reverse current
Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 125 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+150
500
10
4.0
150
A
A
uA
OC
2
I t
Current squared time
93
2
A S
R
θJA
Thermal resistance
13
OC/W
O
t < 8.3ms, T = 25 C
J
junction to ambient
O
T = 90 C
C


Similar Part No. - KBU4005

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
KBU4005 FUJI-KBU4005 Datasheet
625Kb / 1P
4 AMP SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU4005 JUXING-KBU4005 Datasheet
539Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFLER
logo
Formosa MS
KBU4005 FORMOSA-KBU4005 Datasheet
58Kb / 6P
Bridge Rectifier
logo
Jiangsu High diode Semi...
KBU4005 HDSEMI-KBU4005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
logo
Yangzhou yangjie electr...
KBU4005 YANGJIE-KBU4005 Datasheet
93Kb / 2P
Bridge Rectifier
More results

Similar Description - KBU4005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
B2M VISHAY-B2M Datasheet
100Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
MB2M VISHAY-MB2M Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
01-Feb-08
logo
Shenzhen Ping Sheng Ele...
MB2M PFS-MB2M Datasheet
425Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
B2M VISHAY-B2M_13 Datasheet
79Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
16-Aug-13
logo
Chip Integration Techno...
D3K4005 CITC-D3K4005 Datasheet
92Kb / 3P
4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBL4005 CITC-GBL4005 Datasheet
91Kb / 3P
4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 CITC-GBU4005 Datasheet
91Kb / 3P
4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2M YIXIN-MB2M Datasheet
215Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Vishay Siliconix
DF005M VISHAY-DF005M_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
03-Sep-2020
MB2M VISHAY-MB2M_V01 Datasheet
90Kb / 4P
Miniature Glass Passivated Single-Phase Bridge Rectifiers
15-Jul-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com