Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMB05S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # LMB05S
Description  0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

LMB05S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  LMB05S Datasheet HTML 1Page - Chip Integration Technology Corporation LMB05S Datasheet HTML 2Page - Chip Integration Technology Corporation LMB05S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Outline
Surge overload ratings to 35 amperes peak.
•
Save space on printed circuit board.
•
Ideal for automated replacement.
•
Reliable low cost construction utilizing molded plastic
•
technology results in inexpensive product.
Glass passivated chip junctions.
•
LMB05S THRU LMB10S
0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
■ Mechanical data
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, LMBS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : marked on body
• Weight : 0.129grams
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
Operating temperature
O
T ( C)
J
-55 ~ +150
Max. forward voltage
O
@0.8A, T = 25 C
A
V (V)
F
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
70
140
280
35
420
560
Max.
repetitive peak
reverse voltage
V
(V)
R R M
100
200
400
50
600
800
Marking code
LMB1S
LMB2S
LMB4S
LMB05S
LMB6S
LMB8S
Symbol
MB1S
MB2S
MB4S
MB05S
MB6S
MB8S
100
200
400
50
600
800
1.1
700
1000
LMB10S
MB10S
1000
Maximum aversge forward rectified
output current
Forward surge current
Reverse current
Parameter
Typical junction capacitance
Storage temperature
Dimensions in inches and (millimeters)
LMBS
.157(4.0)
.062(1.6)
.106(2.7)
.193(4.9)
.031(0.8)
.141(3.6)
.047(1.2)
.091(2.3)
.177(4.5)
.020(0.5)
+
.275(7.0)
MAX.
.067(1.7)
.008(0.2)MAX
.043(1.1)
.051(1.3)
.028(0.7)
.014(0.35)
.006(0.15)
I
F
I
F S M
I
R
O
at T = 40 C
A
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 100 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
500
5.0
30
A
A
uA
0.8
C
J
13
pF
T
S T G
-55
+150
O C
at 1.0MHz and applied reverse voltage of 4.0V DC
Document ID : DS-22B47
Revised Date : 2016/07/07
Revision : C


Similar Part No. - LMB05S

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMB081NDC TOPWAY-LMB081NDC Datasheet
484Kb / 11P
LCD Module User Manual
LMB0820ABC TOPWAY-LMB0820ABC Datasheet
527Kb / 11P
LCD Module User Manual
LMB0820CDC-1 TOPWAY-LMB0820CDC-1 Datasheet
517Kb / 11P
LCD Module User Manual
LMB0820CDW-0R TOPWAY-LMB0820CDW-0R Datasheet
416Kb / 11P
LCD Module User Manual
LMB0820DBC TOPWAY-LMB0820DBC Datasheet
531Kb / 11P
LCD Module User Manual
More results

Similar Description - LMB05S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF15005S VISHAY-DF15005S Datasheet
161Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
09-Dec-04
DF005S VISHAY-DF005S_13 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF005SA-E3-77 VISHAY-DF005SA-E3-77 Datasheet
95Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
DF01S-E3-45 VISHAY-DF01S-E3-45 Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
Formosa MS
MB05S FORMOSA-MB05S Datasheet
213Kb / 7P
0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-50-1000V
logo
Cystech Electonics Corp...
DB101SG CYSTEKEC-DB101SG Datasheet
140Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA_13 Datasheet
87Kb / 5P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
19-Aug-13
logo
Chip Integration Techno...
MB05S CITC-MB05S Datasheet
151Kb / 3P
0.5 / 0.8A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Surge Components
MB1S SURGE-MB1S Datasheet
409Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
MB2S YIXIN-MB2S Datasheet
222Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com