Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB10100CT Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # MBRB10100CT
Description  10A Surface Mount High Power Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

MBRB10100CT Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  MBRB10100CT Datasheet HTML 1Page - Chip Integration Technology Corporation MBRB10100CT Datasheet HTML 2Page - Chip Integration Technology Corporation MBRB10100CT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
Instantaneous Forward Voltage (Volts)
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
O
Lead Temperature ( C)
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
12
10
8.0
6.0
4.0
2.0
RESISTIVE OR INDUCTIVE LOAD
single phase half wave 60Hz
resistive or inductive load
1
10
100
Fig. 3.1 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0.2
0.4
0.6
0.8
1.0
1.2
O
T =25 C
J
Fig. 3.2 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
50
10
1.0
0.5
O
T =25 C
J
O
T =125 C
J
MBRB1040CT
MBRB10100CT
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Typical Reverse Characteristics
0
10
20
30
40
50
60
70
80
90
100
O
T =25 C
J
O
T =75 C
J
O
T =125 C
J
O
T =150 C
J
Fig. 3.3 - Typical Instantaneous Forward
Characteristics
100
10
1
0
0.2
0.4
0.6
0.8
1.0
1.2
O
T =25 C
J
O
T =125 C
J
MBRB10150CT
MBRB10200CT
MBRB1060CT
O
T =125 C
J
150
125
100
75
50
25
0
100
10
1
0.1
0.01
0.001
0.0001
50
10
1
0.1
0.01
MBRB1040CT~MBRB10100CT
MBRB10150CT~MBRB10200CT
MBRB1040CT THRU MBRB10200CT
10A Surface Mount High Power Schottky Barrier Rectifiers
Document ID : DS-12K63
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com