Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3001C Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS3001C
Description  DIGITAL AUDIO PROCESSOR
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3001C Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS3001C Datasheet HTML 24Page - Texas Instruments TAS3001C Datasheet HTML 25Page - Texas Instruments TAS3001C Datasheet HTML 26Page - Texas Instruments TAS3001C Datasheet HTML 27Page - Texas Instruments TAS3001C Datasheet HTML 28Page - Texas Instruments TAS3001C Datasheet HTML 29Page - Texas Instruments TAS3001C Datasheet HTML 30Page - Texas Instruments TAS3001C Datasheet HTML 31Page - Texas Instruments TAS3001C Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
5−2
While in fast-load mode, it is possible to update the parametric EQ without any audio processing delay. The audio
processor pauses while the RAM is being updated in this mode. It is recommended that parametric EQ be
downloaded in this mode. Bass and treble cannot be downloaded in this mode. Mixer1 and Mixer2 registers can be
downloaded in this mode or normal mode (FL bit = 0). It is not recommended to download the volume control register
and mixer registers in this mode. Once the download is complete, the fast-load bit needs to be cleared by writing a
0 into bit 7 of the main control register. This puts the TAS3001 into normal mode.
NOTE: While in the fast-load mode, the TAS3001 does not accept audio. The device must be
set to the normal mode before it can accept and process audio data.
When coming out of fast-load mode, it is good practice to be sure that the system is muted. This prevents the system
from producing spurious pops and clicks. Once back in normal mode, treble, bass, and volume controls can be
downloaded to complete device setup.
5.2
Power Consumption
During normal operation the average power consumption is 20 mA.
When RESET is held low, asserted, the TAS3001 draws an average current of 35 mA.
5.3
Power Down and Restart
The TAS3001 can be placed in a low-power mode. It is entered synchronously by asserting the POWERDOWN pin
high, logic 1, followed by asserting the RESET pin low, logic 1, 1
µs later. Figure 5−2 illustrates the timing for power
down. MCLK must be present for the TAS3001 to enter the power-down mode.
MCLK
NOTE: RESET and POWERDOWN do not have to be synchronized with MCLK.
RESET
POWERDOWN
1
µs
Figure 5−2. Power-Down Timing
To recover from the power-down state, the POWERDOWN pin is set low, logic 0, followed by asserting the RESET
pin high, logic 0, 1
µs later. Figure 5−3 illustrates the timing for start-up. MCLK must be present for the TAS3001 to
exit the power-down mode.
MCLK
NOTE: RESET and POWERDOWN do not have to be synchronized with MCLK.
RESET
POWERDOWN
1
µs
Figure 5−3. Start-Up Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com