Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9523 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9523
Description  Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9523 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9523 Datasheet HTML 1Page - E-CMOS Corporation EC9523 Datasheet HTML 2Page - E-CMOS Corporation EC9523 Datasheet HTML 3Page - E-CMOS Corporation EC9523 Datasheet HTML 4Page - E-CMOS Corporation EC9523 Datasheet HTML 5Page - E-CMOS Corporation EC9523 Datasheet HTML 6Page - E-CMOS Corporation EC9523 Datasheet HTML 7Page - E-CMOS Corporation EC9523 Datasheet HTML 8Page - E-CMOS Corporation EC9523 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Single Cell Lithium-ion/Lithium-polymer
Battery Protection IC
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 10
3J15N Rev. P001
EC9523
Ordering Information
Absolute Maximum Rating
Table 2
(Ta = +25°C unless otherwise specified)
Package
Part Number
Marking
Marking Information
SOT23-6L
EC9523NNB3R
9523
LLLL
LLLL:Lot No
Part No
Overcharge
detection
voltage
[VOCP] (V)
Overcharge
release
voltage
[VOCR] (V)
Overdischarge
detection
voltage
[VODP] (V)
Overdischarge
release
voltage
[VODR] (V)
Overcurrent
detection
voltage
[VOIP/VOI1]
(V)
Short
detection
voltage
[VSIP/VIO2]
(V)
Charge
overcurrent
detection
voltage
[VCOIP]
(V)
EC9523NNB3R
4.3 +/- 0.05
4.1 +/- 0.05
2.4 +/- 0.1
3.0 +/- 0.1
0.15 +/-
0.03
0.85 +/- 0.3
-0.10 +/-
0.05
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Input voltage between
VCC pin and GND pin
VDS
VCC
VSS
− 0.3 to VSS + 10
V
CS pin input voltage
VCS
CS
VCC
− 10 to VCC + 0.3
V
OC pin output voltage
VOC
OC
VCC
− 10 to VCC + 0.3
V
OD pin output voltage
VOD
OD
VSS
− 0.3 to VCC + 0.3 V
V
Operation ambient
temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com