Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC795-4PIN Datasheet(PDF) 1 Page - Picker Components

Part # SC795-4PIN
Description  4 / 5 Pin Maxi ISO Automotive Relay Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

SC795-4PIN Datasheet(HTML) 1 Page - Picker Components

  SC795-4PIN Datasheet HTML 1Page - Picker Components SC795-4PIN Datasheet HTML 2Page - Picker Components SC795-4PIN Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
SC795 Rev C 7/05/2016
1 of 3
4 / 5 Pin Maxi ISO Automotive Relay Socket
SC795
For use with, PC795,
PC796 and PC7150
FEATURES
 Maxi ISO Automotive Relay Socket
 1/4” Coil Pins and 3/8” Power Pins
 Heat Stabilized Thermoplastic
 -40 to 140ºC Operating Temperature
 For Use with Wire Harnessing
 Five Versions
Sockets Only
-PCB (4 Pin PCB)
-4PIN (4 Pin Crimp)
-5PIN (5 Pin Crimp)
With 12” Wire Leads
-5PIN-4WIRE
-5PIN-5WIRE
ORDERING INFORMATION
Part Number
Description
Terminal Form
SC795-PCB
4 Pin Socket.
PCB
1A
SC795-4PIN
4 Pin Connector For Wire Harnessing.
Crimp
1A
SC795-5PIN
5 Pin Connector For Wire Harnessing.
Crimp 1A,1C
SC795-5PIN-4WIRE
5 Pin Connector with 4 Wire Harness, without Mounting Bracket, SPDT,
12” Wire Leads, 14 awg at Load Contacts 30 and 87,
18 awg at Coil Contacts 85 and 86.
——-
1A
SC795-5PIN-5WIRE
5 Pin Connector with 5 Wire Harness without Mounting Bracket, SPDT,
12” Wire Leads, 14 awg at Load Contacts 30, 87 and 87a,
18 awg at Coil Contacts 85 and 86.
——- 1A,1C
SC795-PCB
SC795-4PIN
SC795-5PIN
-5PIN-4WIRE
-5PIN-5WIRE


Similar Part No. - SC795-4PIN

ManufacturerPart #DatasheetDescription
logo
Picker Components
SC795-4PIN PICKER-SC795-4PIN Datasheet
411Kb / 2P
4 / 5 Pin Maxi ISO Automotive Relay Socket
More results

Similar Description - SC795-4PIN

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC796 PICKER-PC796 Datasheet
647Kb / 2P
80/60 Amp Automotive Plug-In / PCB Maxi ISO Relay
SC782 PICKER-SC782 Datasheet
516Kb / 2P
4 / 5 Pin Micro ISO Automotive Relay Socket
SC792 PICKER-SC792 Datasheet
548Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC795 PICKER-SC795 Datasheet
411Kb / 2P
4 / 5 Pin Maxi ISO Automotive Relay Socket
PC7150 PICKER-PC7150_17 Datasheet
322Kb / 2P
150/100 Amp Automotive Plug-In / PCB Maxi ISO Relay
SC782 PICKER-SC782_17 Datasheet
752Kb / 2P
4 / 5 Pin Micro ISO Automotive Relay Socket
SC792 PICKER-SC792_17 Datasheet
885Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC792-C3 PICKER-SC792-C3 Datasheet
514Kb / 2P
4 / 5 Pin Mini ISO Automotive Relay Socket
SC792-PCB PICKER-SC792-PCB Datasheet
744Kb / 1P
4 / 5 Pin Mini ISO Automotive Relay PCB Socket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com