Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC9529A Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC9529A
Description  Lithium Battery Protection Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9529A Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC9529A Datasheet HTML 1Page - E-CMOS Corporation EC9529A Datasheet HTML 2Page - E-CMOS Corporation EC9529A Datasheet HTML 3Page - E-CMOS Corporation EC9529A Datasheet HTML 4Page - E-CMOS Corporation EC9529A Datasheet HTML 5Page - E-CMOS Corporation EC9529A Datasheet HTML 6Page - E-CMOS Corporation EC9529A Datasheet HTML 7Page - E-CMOS Corporation EC9529A Datasheet HTML 8Page - E-CMOS Corporation EC9529A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EC9529A
Lithium Battery Protection
Integrated Circuit
E-CMOS Corp. (www.ecmos.com.tw)
5L16N-Rev. F003
3/10
Absolute Maximum Ratings
(Note: Do not exceed limits to prevent damage to the device. Exposure to absolute maximum rating conditions for periods
may affect device reliability.)
Electrical Characteristics
Typical and limits appearing in normal type apply for TA=25, unless otherwise specified
PARAMETER
VALUE
UNIT
VDD input pin voltage
-0.3~6
V
VM input pin voltage
-6~10
V
Operating Ambient Temperature
-40~+85
℃
Maximum Junction Temperature
125
℃
Storage Temperature
-55-150
℃
Lead Temperature ( Soldering, 10 sec)
300
℃
Power Dissipation at T=25°C
0.4
W
Package Thermal Resistance (Junction to Ambient)
θJA
250
℃/W
Package Thermal Resistance (Junction to Case)
θJC
130
℃/W
Anti- ESD (HBM)
2000
V
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Detection Voltage
Overcharge Detection Voltage
VCU
--
4.25
4.3
4.35
V
Overcharge Release Voltage
VCL
--
4.05
4.1
4.15
V
Over-discharge Detection Voltage
VDL
--
2.3
2.4
2.5
V
Over-discharge Release Voltage
VDR
--
2.9
3.0
3.1
V
Charger Detection Voltage
VCHA
--
-0.12
V
Detection Current
Over-discharge Current Detection
IIOV1
Vdd=3.5V
3
A
Load Short-Circuiting Detection
ISHORT
Vdd=3.5V
12
A
Current Consumption
Current Consumption in Normal Operation
IOPE
Vdd=3.5V, VM=0V
2.8
6
uA
Current Consumption in Power Down
IPDN
Vdd=2V, VM Pin floating
1.5
uA
FET on Resistance
Equivalent FET on Resistance
RDS
Vdd=3.6V,IVM=1A
45
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com