Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM006ID Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSM006ID
Description  Primary PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM006ID Datasheet(HTML) 5 Page - STMicroelectronics

  TSM006ID Datasheet HTML 1Page - STMicroelectronics TSM006ID Datasheet HTML 2Page - STMicroelectronics TSM006ID Datasheet HTML 3Page - STMicroelectronics TSM006ID Datasheet HTML 4Page - STMicroelectronics TSM006ID Datasheet HTML 5Page - STMicroelectronics TSM006ID Datasheet HTML 6Page - STMicroelectronics TSM006ID Datasheet HTML 7Page - STMicroelectronics TSM006ID Datasheet HTML 8Page - STMicroelectronics TSM006ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics
TSM006
5/13
Soft start
Iiss
Charge current
Vss=2V
8
10
12
µA
dIiss
Temperature stability
0°C
≤ Ta ≤ 105°C
7
10
13
µA
Idss1
Discharge current (hiccup)
Vss=2V, Vcs=2V
1
1.2
µA
Idss2
Sink current (uvlo)
Vss=2V, Vin=7V
3
mA
Iiss/Idss1
Charge/discharge ratio
10
11
VHss
Clamp voltage
4
V
VLss
Low voltage (uvlo)
Vin=7V, Idss=1mA
0.5
V
Under Voltage Lockout (UVLO)
VH
UVLO top threshold
11.5
12
12.5
V
VL
UVLO bottom threshold
8.0
8.4
8.8
V
Supply current
Iin
Operating current
CL=1nF
4.5
5.0
mA
Iidle
Supply current in idle mode
Vcomp=1V
3.3
3.8
mA
Istby
Supply current in standby mode
Vin<VH
40
60
µA
Vclamp
Clamp voltage
Iin=50mA
22
25
30
V
Burst
Vbsol
Output low voltage
Iobs=1mA
0.3
V
Iohbs
Leakage current
Vbs=5V
2
µA
Vbl1
Threshold level on Comp to enter
Burst mode
BL pin left unconnected
1.25
V
Vbl1hyst
Vbl1 Hysteresis
0.3
V
Vbl2
Threshold level on Comp to exit
burst mode
1.75
V
Hiccup
Vz2
Threshold level on Cs to enter Hic-
cup mode
1.15
1.25
1.35
V
Vhicc
Threshold level on Ss to exit Hiccup
mode
0.5
V
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com