Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC372ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC372ID
Description  LIN CMOS DUAL DIFFERENTIAL COMPARATORS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC372ID Datasheet(HTML) 1 Page - Texas Instruments

  TLC372ID Datasheet HTML 1Page - Texas Instruments TLC372ID Datasheet HTML 2Page - Texas Instruments TLC372ID Datasheet HTML 3Page - Texas Instruments TLC372ID Datasheet HTML 4Page - Texas Instruments TLC372ID Datasheet HTML 5Page - Texas Instruments TLC372ID Datasheet HTML 6Page - Texas Instruments TLC372ID Datasheet HTML 7Page - Texas Instruments TLC372ID Datasheet HTML 8Page - Texas Instruments TLC372ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLC372
LinCMOS DUAL DIFFERENTIAL COMPARATORS
SLCS114D − NOVEMBER 1983 − REVISED APRIL 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single or Dual-Supply Operation
D Wide Range of Supply Voltages 2 V to 18 V
D Low Supply Current Drain
150
µA Typ at 5 V
D Fast Response Time . . . 200 ns Typ for
TTL-Level Input Step
D Built-in ESD Protection
D High Input Impedance ...1012 Ω Typ
D Extremely Low Input Bias Current
5 pA Typ
D Ultrastable Low Input Offset Voltage
D Input Offset Voltage Change at Worst-Case
Input Conditions Typically 0.23
µV/Month,
Including the First 30 Days
D Common-Mode Input Voltage Range
Includes Ground
D Output Compatible With TTL, MOS, and
CMOS
D Pin-Compatible With LM393
description
This device is fabricated using LinCMOS
technology and consists of two independent
voltage comparators, each designed to operate
from a single power supply. Operation from dual
supplies is also possible if the difference between
the two supplies is 2 V to 18 V. Each device
features
extremely
high
input
impedance
(typically greater than 1012
Ω), allowing direct
interfacing with high-impedance sources. The
outputs are n-channel open-drain configurations
and can be connected to achieve positive-logic
wired-AND relationships.
The TLC372 has internal electrostatic discharge
(ESD) protection circuits and has been classified
with a 1000-V ESD rating using human body
model testing. However, care should be exercised
in handling this device as exposure to ESD may
result in a degradation of the device parametric
performance.
The TLC372C is characterized for operation from 0
°C to 70°C. The TLC372I is characterized for operation from
−40
°C to 85°C. The TLC372M is characterized for operation over the full military temperature range of −55°C
to 125
°C. The TLC372Q is characterized for operation from −40°C to 125°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 1983 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VCC
2OUT
2IN −
2IN +
TLC372C, TLC372I, TLC372M, TLC372Q
D, P, OR PW PACKAGE
TLC372M . . . JG PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN −
NC
NC
1IN −
NC
1IN +
NC
TLC372M . . . FK PACKAGE
(TOP VIEW)
OUT
IN +
symbol (each comparator)
IN −
NC − No internal connection
1
2
3
4
5
10
9
8
7
6
NC
1OUT
1IN−
1IN+
GND
NC
VCC
2OUT
2IN−
2IN+
TLC372M
U PACKAGE
(TOP VIEW)
LinCMOS is a trademark of Texas Instruments Incorporated. All other trademarks are the property of their respective owners.


Similar Part No. - TLC372ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC372ID TI-TLC372ID Datasheet
183Kb / 12P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372ID TI1-TLC372ID Datasheet
1Mb / 26P
Single or Dual-Supply Operation
TLC372ID TI1-TLC372ID Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC372ID TI-TLC372ID Datasheet
1Mb / 29P
LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC372IDG4 TI1-TLC372IDG4 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
More results

Similar Description - TLC372ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
DUAL DIFFERENTIAL COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
TL393CD TI-TL393CD Datasheet
264Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com