Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2014 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2014
Description  POWER DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2014 Datasheet HTML 1Page - Texas Instruments TPS2014 Datasheet HTML 2Page - Texas Instruments TPS2014 Datasheet HTML 3Page - Texas Instruments TPS2014 Datasheet HTML 4Page - Texas Instruments TPS2014 Datasheet HTML 5Page - Texas Instruments TPS2014 Datasheet HTML 6Page - Texas Instruments TPS2014 Datasheet HTML 7Page - Texas Instruments TPS2014 Datasheet HTML 8Page - Texas Instruments TPS2014 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
2
TI.COM
AVAILABLE OPTIONS
RECOMMENDED
MAXIMUM CONTINUOUS
TYPICAL SHORT-CIRCUIT
PACKAGED DEVICES
TA
ENABLE
MAXIMUM CONTINUOUS
LOAD CURRENT
(A)
TYPICAL SHORT-CIRCUIT
CURRENT LIMIT AT 25
°C
(A)
SMALL OUTLINE
(D)†
PLASTIC DIP
(P)
0.2
0.3
TPS2030D
TPS2030P
0.6
0.9
TPS2031D
TPS2031P
−40
°C to 85°C
Active high
1
1.5
TPS2032D
TPS2032P
−40 C to 85 C
Active high
1.5
2.2
TPS2033D
TPS2033P
2
3
TPS2034D
TPS2034P
† The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2030DR)
TPS2030 functional block diagram
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
†
†Current Sense
Terminal Functions
TERMINAL
NAME
NO.
D OR P
I/O
DESCRIPTION
EN
4
I
Enable input. Logic high turns on power switch.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
Overcurrent. Logic output active low
OUT
6, 7, 8
O
Power-switch output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com