Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLL170-2P430 Datasheet(PDF) 4 Page - SICK AG

Part # WLL170-2P430
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLL170-2P430 Datasheet(HTML) 4 Page - SICK AG

  WLL170-2P430 Datasheet HTML 1Page - SICK AG WLL170-2P430 Datasheet HTML 2Page - SICK AG WLL170-2P430 Datasheet HTML 3Page - SICK AG WLL170-2P430 Datasheet HTML 4Page - SICK AG WLL170-2P430 Datasheet HTML 5Page - SICK AG WLL170-2P430 Datasheet HTML 6Page - SICK AG WLL170-2P430 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL170-2P430 | WLL170-2
FIBER-OPTIC SENSORS AND FIBERS
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Adjustments possible
WLL170-2
Min
Max
SENS.
OFF DLY
L.ON
OFF
D.ON
6
7
8
9
ß
à
á
⑥  Indicating pin correctly inserted LL3 fiber
⑦  LED indicator orange, lights up when switching output is active
⑧  LED signal strength indicator green, lights up, when light received< 0.9 or >1.1 (switching threshold = 1)
⑨  Sensitivity scale 270°
⑩  Sensitivity control ( 10 revolutions)
⑪  OFF delay selector switch: “OFF DLY” (on)/“OFF” (off), 40 ms fixed
⑫  Selector switch: "L.ON" ( light switching) /"D.ON" ( dark switching)
Connection diagram
Cd-066
+ (L+)
not connected
- (M)
brn
wht
blu
1
2
3
Q
blk
4
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-08-07 15:48:08
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com