Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN750 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN750
Description  HIGH SIDE DRIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Datasheet(HTML) 3 Page - STMicroelectronics

  VN750 Datasheet HTML 1Page - STMicroelectronics VN750 Datasheet HTML 2Page - STMicroelectronics VN750 Datasheet HTML 3Page - STMicroelectronics VN750 Datasheet HTML 4Page - STMicroelectronics VN750 Datasheet HTML 5Page - STMicroelectronics VN750 Datasheet HTML 6Page - STMicroelectronics VN750 Datasheet HTML 7Page - STMicroelectronics VN750 Datasheet HTML 8Page - STMicroelectronics VN750 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/29
VN750 / VN750S / VN750PT / VN750-B5
THERMAL DATA
(*) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick) connected to all V
CC pins. Horizontal
mounting and no artificial air flow.
(**) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick). Horizontal mounting and no artificial air
flow.
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C unless otherwise specified)
POWER
SWITCHING (VCC=13V)
INPUT PIN
(#) See relative diagram
Symbol
Parameter
Value
Unit
S0-8
PENTAWATT
P2PAK
PPAK
Rthj-case
Thermal Resistance Junction-case
Max
-
2.1
2.1
2.1
°C/W
Rthj-lead
Thermal Resistance Junction-lead
Max
30
-
-
-
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
93 (*)
62.1
52.1 (**)
77.1 (**)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC
Operating Supply Voltage
5.5
13
36
V
VUSD
Undervoltage Shut-down
3
4
5.5
V
VUSDhyst
Undervoltage Shut-down
Hysteresis
0.5
V
VOV
Overvoltage Shut-down
36
V
RON
On State Resistance
IOUT=2A; Tj=25°C; VCC>8V
IOUT=2A; VCC>8V
(#)
60
120
m
Ω
m
Ω
IS
Supply Current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V; Tj=25°C
On State; VCC=13V; VIN=5V; IOUT=0A
10
10
2
25
20
3.5
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
(#)
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; Vcc=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; Vcc=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on Delay Time
RL=6.5Ω from VIN rising edge to VOUT=1.3V
40
µs
td(off)
Turn-off Delay Time
RL=6.5Ω from VIN falling edge to VOUT=11.7V
30
µs
dVOUT/dt(on) Turn-on Voltage Slope
RL=6.5Ω from VOUT=1.3V to VOUT=10.4V
(#)
V/
µs
dVOUT/dt(off) Turn-off Voltage Slope
RL=6.5Ω from VOUT=11.7V to VOUT=1.3V
(#)
V/
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level
(#)
1.25
V
IIL
Low Level Input Current
VIN=1.25V
1
(#)
µA
VIH
Input High Level
3.25
(#)
V
IIH
High Level Input Current
VIN=3.25V
(#)
10
µA
Vhyst
Input Hysteresis Voltage
0.5
(#)
V
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
66.8
-0.7
8V
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com