Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7146 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7146
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7146 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7146 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
8/28/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
G52162-0, Rev. 2.7
Features
General Description
The VSC7146 is a 2.5Gb/s Transceiver optimized for ease-of-use and efficiency in high-performance data
transmission systems. The VSC7146 accepts two 10-bit 8b/10b encoded transmit characters, latches them on
the rising edge of Transmit Byte Clock (TBC) and serializes the data onto the TX+/- differential outputs at a
baud rate, which is 20 times the TBC frequency. The VSC7146 also samples serial receive data on the RX+/-
differential inputs, recovers the clock and data, deserializes it onto two 10-bit receive characters, outputs a
recovered clocks at one-twentieth of the incoming baud rate and detects Fibre Channel “comma” characters.
The VSC7146 contains on-chip Phase-Lock Loop (PLL) circuitry for synthesis of the baud-rate transmit clock,
and extraction of the clock from the received serial stream. These circuits are fully monolithic and require no
external components.
Block Diagram
• Speed Selectable Full-Duplex Transceiver:
- 1.06/2.12Gb/s for FibreChannel
- 1.25/2.5Gb/s for Gigabit Ethernet
• 20-Bit TTL Interface for Transmit and
Receive Data at 125MHz
• Monolithic Clock Synthesis and Clock
Recovery - No External Components
• 125MHz TTL Reference Clock
• Automatic Lock-to-Reference Function
• Suitable for Both Coaxial and Optical Link Appli-
cations
• Low Power Operation: 2.5 W max
• 80-Pin, 14mm Thermally-Enhanced EDQUAD
Package
• Single +3.3V Supply
RX+
RX-
Q D
Serial to
Parallel
Clock
Recovery
Retimed
Data
Recovered
Comma
Detect
Q D
R0:19
Frame
Logic
COM_DET
EN_CDET
T0:19
PLL Clock
Multiply (x20)
Parallel
to Serial
Serial Data
Clock
Synthesized
Clock
D Q
TX+
TX-
EWRAP
÷ 20
RBC
20
20
TBC
2:1
125 MHz
125 MHz
2.5 Gb/s
2.5 Gb/s
2.5 GHz
REF
TXRATE
RBCN
RXRATE
BCMN
D Q


Similar Part No. - VSC7146

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7140QJ VITESSE-VSC7140QJ Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
VSC7145RU-30 VITESSE-VSC7145RU-30 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
More results

Similar Description - VSC7146

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7937 VITESSE-VSC7937 Datasheet
153Kb / 14P
Single Supply 2.5Gb/s Voltage Driver
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
logo
ANADIGICS, Inc
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
5.0V 2.5Gb/s TIA
Rev 0
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Bookham, Inc.
ATM2400C BOOKHAM-ATM2400C Datasheet
438Kb / 5P
2.5Gb/s APD preamp Mini-DIL receiver
logo
Source Photonics, Inc.
SPL-34-MR-IR1-XDFQ SOURCE-SPL-34-MR-IR1-XDFQ Datasheet
256Kb / 9P
614.4M - 2.5Gb/s bi-directional data links
SPL-35-MR-IR1-XDFQ SOURCE-SPL-35-MR-IR1-XDFQ Datasheet
269Kb / 10P
614.4M-2.5Gb/s bi-directional data links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com