Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBO22-18NO8 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VBO22-18NO8
Description  Single Phase Rectifier Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VBO22-18NO8 Datasheet(HTML) 1 Page - IXYS Corporation

  VBO22-18NO8 Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 IXYS All rights reserved
1 - 1
V
RSM
V
RRM
Type
VV
1200
1200
VBO 22-12NO8
1400
1400
VBO 22-14NO8
1600
1600
VBO 22-16NO8
1800
1800
VBO 22-18NO8
Symbol
Test Conditions
Maximum Ratings
I
dAV
T
C = 85°C, module
17
A
I
dAVM
T
C = 63°C, module
21
A
I
FSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
380
A
V
R = 0
t = 8.3 ms (60 Hz), sine
440
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
360
A
V
R = 0
t = 8.3 ms (60 Hz), sine
400
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
725
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
800
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
650
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
650
A2s
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+150
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL £ 1 mA
t = 1 s
3000
V~
M
d
Mounting torque
(M5)
2
± 10 %
Nm
(10-32 UNF)
18
± 10 %
lb.in.
Weight
typ.
22
g
I
dAVM =
21 A
V
RRM =
1200-1800 V
Features
q
Package with ¼" fast-on terminals
q
Isolation voltage 3000 V~
q
Planar passivated chips
q
Blocking voltage up to 1800 V
q
Low forward voltage drop
q
UL registered E 72873
Applications
q
Supplies for DC power equipment
q
Input rectifiers for PWM inverter
q
Battery DC power supplies
q
Field supply for DC motors
Advantages
q
Easy to mount with one screw
q
Space and weight savings
q
Improved temperature and power
cycling
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ = 25°C;
V
R = VRRM
£
0.3
mA
T
VJ = TVJM;VR =
V
RRM
£
5.0
mA
V
F
I
F = 150 A;
T
VJ = 25°C
£
2.2
V
V
T0
For power-loss calculations only
0.85
V
r
T
12
m
W
R
thJC
per diode; DC current
8.2
K/W
per module
2.05
K/W
R
thJK
per diode; DC current
9.4
K/W
per module
2.35
K/W
d
S
Creeping distance on surface
12.7
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
Dimensions in mm (1 mm = 0.0394")
VBO 22
Single Phase
Rectifier Bridge
_
+
–
~
~


Similar Part No. - VBO22-18NO8

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
VBO20-08NO2 IXYS-VBO20-08NO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-12AO2 IXYS-VBO20-12AO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-12NO2 IXYS-VBO20-12NO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
VBO20-14AO2 IXYS-VBO20-14AO2 Datasheet
85Kb / 2P
Single Phase Rectifier Bridge - Standard and Avalanche Types
More results

Similar Description - VBO22-18NO8

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com