Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7146RH Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC7146RH
Description  2.5Gb/s, 20-Bit Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7146RH Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC7146RH Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7146RH Datasheet HTML 18Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7146
2.5Gb/s, 20-Bit Transceiver
Page 14
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
8/28/00
G52162-0 Rev. 2.7
Table 6: Pin Identifications
Pin #
Name
Description
2, 4, 6, 9, 11, 14, 16, 18, 20,
23, 3, 5, 8, 10, 12, 15, 17,
19, 22, 24
T[0:19]
INPUTS - TTL:
Transmit Data Bus, Bit 0 through Bit 19. 20-bit Transmit Character. Parallel data on
this bus is clocked in on the rising edge of TBC. The data bit corresponding to T0 is
transmitted first.
26
REF
INPUT - TTL:
Reference Clock. REF goes to the PLL/CMU circuitry and is multiplied 20 times
28
TBC
INPUT - TTL:
Transmit Byte Clock.
This rising edge of this clock latches T[0:19] into the input register and provides the
reference clock at 1/20th of the baud rate to the PLL.
74,75
TX+, TX-
OUTPUTS - Differential (AC-coupling recommended):
Transmitter Serial Outputs. These pins output the serialized transmit data when
EWRAP is LOW. When EWRAP is HIGH, TX+ is HIGH and TX- is LOW.
65, 63, 59, 57, 55, 52, 50,
48, 45, 43, 64, 62, 58, 56,
54, 51, 49, 47, 44, 42
R[0:19]
OUTPUTS - TTL:
Receive Data Bus, Bits 0 thru 19. 20-bit received character. Parallel data on this bus
can be sampled on the rising edge of RBC. R0 is the first bit received on RX+/RX-.
35
TXRATE
INPUT - TTL:
Transmitter Dual Rate Selector. LOW for half-speed operation (1.25Gb/s). HIGH for
full-speed operation (2.5 Gbps).
79
RXRATE
INPUT - TTL:
Receiver Dual Rate Selector. LOW for half-speed operation (1.25Gb/s). HIGH for
full-speed operation (2.5Gb/s).
29
BCMN
INPUT - TTL:
Backwards Compatibility Mode Selector. LOW to allow operation in previous ver-
sion compatibility (no separate rate controls for transmitter and receiver). HIGH to
allow operation with separate rate controls for transmitter and receiver.
36
EWRAP
INPUT - TTL:
Enable Internal WRAP Mode. LOW for Normal Operation. When HIGH, an internal
loopback path from the transmitter to the receiver is enabled, TX+ = HIGH and TX-
is LOW.
68, 67
RX+, RX-
INPUTS - Differential (AC-coupling recommended):
Receive Serial Inputs. The receiver inputs when EWRAP is LOW.
38, 39
RBC, RBCN
OUTPUT - TTL:
Recovered Byte Clock. Recovered clock and complement derived from 1/20th of the
RX+/- data rate. The rising edge of RBC corresponds to a new word on R[0:19].
34
EN_CDET
INPUT - TTL: ENable Comma DETect. Enables COM_DET and word resynchroni-
zation when HIGH. When LOW, keeps current word alignment and disables
COM_DET.
37
COM_DET
OUTPUT - TTL:
COMma DETect. This output goes HIGH to indicate that R[0:6] contains a “comma”
character (‘0011111’). COM_DET can be sampled on the rising edge of RBC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com