Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C303 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X9C303
Description  Digitally Controlled Potentiometer (XDCP)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C303 Datasheet(HTML) 1 Page - Xicor Inc.

  X9C303 Datasheet HTML 1Page - Xicor Inc. X9C303 Datasheet HTML 2Page - Xicor Inc. X9C303 Datasheet HTML 3Page - Xicor Inc. X9C303 Datasheet HTML 4Page - Xicor Inc. X9C303 Datasheet HTML 5Page - Xicor Inc. X9C303 Datasheet HTML 6Page - Xicor Inc. X9C303 Datasheet HTML 7Page - Xicor Inc. X9C303 Datasheet HTML 8Page - Xicor Inc. X9C303 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REV 1.1 4/27/01
Characteristics subject to change without notice.
1 of 10
www.xicor.com
XDCPis a trademark of Xicor, Inc.
FEATURES
• Solid-state potentiometer
• Three-wire serial interface
• 100 wiper tap points
—Wiper position stored in nonvolatile memory
and recalled on power-up
• 99 resistive elements, log taper
—Temperature compensated
—End to end resistance, ±15%
—Terminal voltages, ±5V
• Low power CMOS
—VCC = 5V
—Active current, 3mA max.
—Standby current, 750µA max.
• High reliability
—Endurance, 100,000 data changes per bit
—Register data retention, 100 years
• X9C303, 32 k
• Packages
—8-lead TSSOP
—8-lead SOIC
—8-pin DIP
DESCRIPTION
The Xicor X9C303 is a digitally controlled potentiome-
ter (XDCP). The device consists of a resistor array,
wiper switches, a control section, and nonvolatile
memory. The wiper position is controlled by a three-
wire interface.
The resistor array is composed of 99 resistive ele-
ments. Between each element and at either end are
tap points accessible to the wiper terminal. The posi-
tion of the wiper element is controlled by the CS, U/D,
and INC inputs. The position of the wiper can be
stored in nonvolatile memory and then be recalled
upon a subsequent power-up operation.
The device can be used as a three-terminal potentio-
meter or as a two-terminal variable resistor in a wide
variety of applications ranging from control, to signal
processing, to parameter adjustment. Digitally-
controlled potentiometers provide three powerful appli-
cation advantages; (1) the variability and reliability of a
solid-state potentiometer, (2) the flexibility of com-
puter-based digital controls, and (3) the use of nonvol-
atile memory for potentiometer settings retention.
X9C303
Digitally Controlled Potentiometer (XDCP)
APPLICATION NOTE
A V A I L A B L E
AN42 • AN44–48 • AN50 • AN52 • AN53 • AN71 • AN92
Terminal Voltage ±5V, 100 Taps, Log Taper
BLOCK DIAGRAM
7-Bit
Up/Down
Counter
7-Bit
Nonvolatile
Memory
Store and
Recall
Control
Circuitry
One
of
Hundred
Decoder
Resistor
Array
RL/VL
RW/VW
RH/VH
U/D
INC
CS
Transfer
VCC
One-
Gates
99
98
97
96
2
1
0
VSS


Similar Part No. - X9C303

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
Digitally Controlled Potentiomet (XDCP)
March 11, 2005
X9C303 INTERSIL-X9C303 Datasheet
258Kb / 10P
Logarithmic Digitally Controlled Potentiometer
January 30, 2009
X9C303 INTERSIL-X9C303 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
logo
Intersil Corporation
X9C303 INTERSIL-X9C303 Datasheet
255Kb / 10P
Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
More results

Similar Description - X9C303

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL90462 INTERSIL-ISL90462 Datasheet
201Kb / 7P
Digitally Controlled Potentiometer (XDCP)
October 7, 2005
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
Digitally Controlled Potentiometer XDCP
October 10, 2008
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
Digitally Controlled Potentiometer (XDCP??
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com