Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9253 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9253
Description  Serial LVDS 1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9253 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9253 Datasheet HTML 12Page - Analog Devices AD9253 Datasheet HTML 13Page - Analog Devices AD9253 Datasheet HTML 14Page - Analog Devices AD9253 Datasheet HTML 15Page - Analog Devices AD9253 Datasheet HTML 16Page - Analog Devices AD9253 Datasheet HTML 17Page - Analog Devices AD9253 Datasheet HTML 18Page - Analog Devices AD9253 Datasheet HTML 19Page - Analog Devices AD9253 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Data Sheet
AD9253
Rev. B | Page 15 of 40
AD9253-105
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 75.1dB
ENOB = 12.02 BITS
SFDR = 97.8dBc
Figure 20. Single-Tone 16k FFT with fIN = 9.7 MHz, fSAMPLE = 105 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 74dB
ENOB = 11.9 BITS
SFDR = 92.1dBc
Figure 21. Single-Tone 16k FFT with fIN = 30.5 MHZ, fSAMPLE = 105 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 73.4dB
ENOB = 11.9 BITS
SFDR = 89.8dBc
Figure 22. Single-Tone 16k FFT with fIN = 70 MHz, fSAMPLE = 105 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 73.1dB
ENOB = 11.6 BITS
SFDR = 85dBc
Figure 23. Single-Tone 16k FFT with fIN = 140 MHz, fSAMPLE = 105 MSPS
0
–20
–40
–60
–80
–100
–120
–140
0
10
20
30
40
50
FREQUENCY (MHz)
AIN = –1dBFS
SNR = 71.2dB
ENOB = 11.3 BITS
SFDR = 82dBc
Figure 24. Single-Tone 16k FFT with fIN = 200 MHz, fSAMPLE = 105 MSPS
120
–20
–100
0
INPUT AMPLITUDE (dBFS)
SFDRFS
SFDR
SNRFS
SNR
0
20
40
60
80
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 25. SNR/SFDR vs. Analog Input Level, fIN = 9.7 MHz, fSAMPLE = 105 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com