Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9683 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9683
Description  Analog-to-Digital Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9683 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9683 Datasheet HTML 15Page - Analog Devices AD9683 Datasheet HTML 16Page - Analog Devices AD9683 Datasheet HTML 17Page - Analog Devices AD9683 Datasheet HTML 18Page - Analog Devices AD9683 Datasheet HTML 19Page - Analog Devices AD9683 Datasheet HTML 20Page - Analog Devices AD9683 Datasheet HTML 21Page - Analog Devices AD9683 Datasheet HTML 22Page - Analog Devices AD9683 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
AD9683
Data Sheet
Rev. D | Page 18 of 44
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 33. Equivalent Analog Input Circuit
0.9V
15k
Ω
15k
Ω
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 34. Equivalent Clock lnput Circuit
BIAS
CONTROL
10k
Ω
RFCLK
INTERNAL
CLOCK DRIVER
0.5pF
AVDD
Figure 35. Equivalent RF Clock lnput Circuit
VCM
DRVDD
SERDOUT0±
SERDOUT0±
3mA
3mA
3mA
3mA
RTERM
DRVDD
DRVDD
Figure 36. Digital CML Output Circuit
400
Ω
31k
Ω
DVDD
SDIO
Figure 37. Equivalent SDIO Circuit
400
Ω
30k
Ω
DVDD
PDWN,
SCLK,
CS
Figure 38. Equivalent PDWN, SCLK, or CS Input Circuit
0.9V
17k
Ω
17k
Ω
SYNCINB+
SYNCINB–
DVDD
DVDD
DVDD
Figure 39. Equivalent SYNCINB± Input Circuit
0.9V
17k
Ω
17k
Ω
SYSREF+
SYSREF–
AVDD
AVDD
AVDD
Figure 40. Equivalent SYSREF± Input Circuit
RST
400
Ω
28k
Ω
DRVDD
DRVDD
Figure 41. Equivalent RST Input Circuit
400
VCM
Ω
AVDD
Figure 42. Equivalent VCM Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com