Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9689 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 1 Page - Analog Devices

  AD9689 Datasheet HTML 1Page - Analog Devices AD9689 Datasheet HTML 2Page - Analog Devices AD9689 Datasheet HTML 3Page - Analog Devices AD9689 Datasheet HTML 4Page - Analog Devices AD9689 Datasheet HTML 5Page - Analog Devices AD9689 Datasheet HTML 6Page - Analog Devices AD9689 Datasheet HTML 7Page - Analog Devices AD9689 Datasheet HTML 8Page - Analog Devices AD9689 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
14-Bit, 2.0 GSPS/2.6 GSPS, JESD204B,
Dual Analog-to-Digital Converter
Data Sheet
AD9689
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
JESD204B (Subclass 1) coded serial digital outputs
Support for lane rates up to 16 Gbps per lane
Noise density
−152 dBFS/Hz at 2.56 GSPS at full-scale voltage = 1.7 V p-p
−154 dBFS/Hz at 2.56 GSPS at full-scale voltage = 2.0 V p-p
−154.2 dBFS/Hz at 2.0 GSPS at full-scale voltage = 1.7 V p-p
−155.3 dBFS/Hz at 2.0 GSPS at full-scale voltage = 2.0 V p-p
1.55 W total power per channel at 2.56 GSPS (default settings)
SFDR at 2.56 GSPS encode
73 dBFS at 1.8 GHz AIN at −2.0 dBFS
59 dBFS at 5.53 GHz AIN at −2.0 dBFS
full-scale voltage = 1.1 V p-p
SNR at 2.56 GSPS encode
59.7 dBFS at 1.8 GHz AIN at −2.0 dBFS
53.0 dBFS at 5.53 GHz AIN at −2.0 dBFS
full-scale voltage = 1.1 V p-p
SFDR at 2.0 GSPS encode
78 dBFS at 900 MHz AIN at −2.0 dBFS
62 dBFS at 5.53 GHz AIN at −2.0 dBFS
full-scale voltage = 1.1 V p-p
SNR at 2.0 GSPS encode
62.7 dBFS at 900 MHz AIN at −2.0 dBFS
53.1 dBFS at 5.5 GHz AIN at −2.0 dBFS
full-scale voltage = 1.1 V p-p
0.975 V, 1.9 V, and 2.5 V dc supply operation
9 GHz analog input full power bandwidth (−3 dB)
Amplitude detect bits for efficient AGC implementation
Programmable FIR filters for analog channel loss equalization
2 integrated, wideband digital processors per channel
48-bit NCO
Programmable decimation rates
Phase coherent NCO switching
Up to 4 channels available
Serial port control
Supports 100 MHz SPI writes and 50 MHz SPI reads
Integer clock with divide by 2 and divide by 4 options
Flexible JESD204B lane configurations
On-chip dither
APPLICATIONS
Diversity multiband and multimode digital receivers
3G/4G, TD-SCDMA, W-CDMA, and GSM, LTE, LTE-A
Electronic test and measurement systems
Phased array radar and electronic warfare
DOCSIS 3.0 CMTS upstream receive paths
HFC digital reverse path receivers
FUNCTIONAL BLOCK DIAGRAM
ADC
CORE
FAST
DETECT
SIGNAL
MONITOR
DIGITAL DOWN-
CONVERTER
DIGITAL DOWN-
CONVERTER
14
14
BUFFER
VIN+A
VIN–A
VIN+B
CLK+
CLK–
VREF
PDWN/STBY
SYSREF±
AGND
DRGND
DGND
AVDD1
(0.975V)
DVDD
(0.975V)
DRVDD1
(0.975V)
DRVDD2
(1.9V)
SPIVDD
(1.9V)
AVDD2
(1.9V)
AVDD3
(2.5V)
AVDD1_SR
(0.975V)
SPI AND
CONTROL
REGISTERS
SDIO SCLK
CSB
VIN–B
BUFFER
ADC
CORE
÷2
÷4
SERDOUT0±
SERDOUT1±
SERDOUT2±
SERDOUT3±
SERDOUT4±
SERDOUT5±
SERDOUT6±
SERDOUT7±
JESD204B
LINK
AND
Tx
OUTPUTS
8
JESD204B
SUBCLASS 1
CONTROL
CLOCK
DISTRIBUTION
SYNCINB±
GPIO_A1
FD_A/GPIO_A0
FD_B/GPIO_B0
GPIO_B1
GPIO MUX
AD9689
Figure 1.


Similar Part No. - AD9689

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 97P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
REV. C
AD9680 AD-AD9680 Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9680-1000EBZ AD-AD9680-1000EBZ Datasheet
3Mb / 97P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
REV. C
AD9680-1000EBZ AD-AD9680-1000EBZ Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9680-1250EBZ AD-AD9680-1250EBZ Datasheet
3Mb / 97P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
REV. C
More results

Similar Description - AD9689

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
Dual Analog-to-Digital Converter
Rev. 0
AD9695 AD-AD9695 Datasheet
5Mb / 136P
Dual Analog-to-Digital Converter
Rev. 0
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
Dual Analog-to-Digital Converter
Rev. A
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
Dual Analog-to-Digital Converter
Rev. E
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
Dual Analog-to-Digital Converter
Rev. 0
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
1.8V Dual Analog-to-Digital Converter
Rev. B
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
3V Dual Analog-to-Digital Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com