Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX93285 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93285
Description  ZIO module with two COM ports and 32 bit programbale DIO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93285 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93285 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
244
axiomtek.com
* All specifications and photos are subject to change without notice.
2
3
4
5
6
7
1
0
© 2017 Axiomtek Co., Ltd. All rights reserved.
ZIO Modules
AX93262
AX93285
AX93291
AX93295
ZIO module with four COM ports and one PCI Express Mini Card
● Specification: 2 x RS-232/422/485, 2 x RS-232, 1 x PCI Express Mini Card
● Dimension: 80 x 55 mm
● Accessory: 2 x COM with bracket cable
● Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
ZIO module with two COM ports and 32 bit programbale DIO
● Specification: 2 x RS-232, 32-bit programmable DIO
● Dimension: 80 x 55 mm
● Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
ZIO module with two Gigabit Ethernet and two COM ports
● Specification: 2 x Gigabit Ethernet, 2 x RS-232
● Dimension: 80 x 55 mm
● Controller: Intel® i211AT
● Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
ZIO module with two isolated COM ports and two USB 3.0 ports
● Specification: 2 x isolated RS-232, 2 x USB 3.0
● Dimension: 80 x 55 mm
● Compliant Product: CAPA830, CAPA840, CAPA843, CAPA880, CAPA500
Ordering Information
Ordering Information
Ordering Information
Ordering Information
AX93262
(P/N: E393262100)
ZIO module with 4 COM ports and 1 PCI Express Mini Card
AX93285
(P/N: E393285100)
ZIO module with 2 COM ports and 32 bit programmable DIO
AX93291
(P/N: E393291100)
ZIO module with two Gigabit Ethernet and two COM ports
AX93295
(P/N: E393295100)
ZIO module with two isolated COM ports and two USB 3.0
ports
ZIO connector
ZIO connector
32 bit programmable DIO
COM 1/2
SIM slot
COM 4
COM 1
COM 2
COM 3
Full-size PCI
Express Mini Card
COM 1
Ethernet 2
ZIO connector
Ethernet 1
COM 2
USB 3.0
(Optional)
ZIO
Connector
USB 3.0
USB 3.0
COM 1
COM 2
NEW
NEW
Note: the 3rd USB 3.0 working is subject to which 3.5” is installed.
Updated May 04, 2017.


Similar Part No. - AX93285

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93285 AXIOMTEK-AX93285 Datasheet
296Kb / 1P
ZIO Module
AX93285 AXIOMTEK-AX93285 Datasheet
326Kb / 1P
2 DDR3L SO-DIMM support up to 8 GB memory capacity
AX93285 AXIOMTEK-AX93285 Datasheet
436Kb / 1P
3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI, 2 GbE LAN and Audio
Aug. 10, 2023.
AX93285 AXIOMTEK-AX93285 Datasheet
433Kb / 1P
3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3 Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
Apr. 24, 2024.
AX93285 AXIOMTEK-AX93285 Datasheet
373Kb / 1P
3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium® & Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
Dec. 22, 2021.
More results

Similar Description - AX93285

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3390 ADVANTECH-ARK-3390 Datasheet
434Kb / 2P
Intel짰 Core??2 Duo Automation Control System with Two Isolated COM Ports and GPIO
logo
Axiomtek Co., Ltd.
SBC84620 AXIOMTEK-SBC84620 Datasheet
229Kb / 1P
4 COM ports and 4 USB 2.0 ports
SBC84621 AXIOMTEK-SBC84621 Datasheet
226Kb / 1P
4 COM ports and 4 USB 2.0 ports
logo
AAEON Technology
PER-C41C AAEON-PER-C41C Datasheet
148Kb / 1P
Mini PCIe Module With Four RS-232 COM Ports
logo
Axiomtek Co., Ltd.
IPC122-833-FL AXIOMTEK-IPC122-833-FL Datasheet
423Kb / 2P
Isolated COM, LAN, CANBus and DIO ports
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
AX92904 AXIOMTEK-AX92904_17 Datasheet
679Kb / 3P
Full-size PCI Express Mini Module with 32 bit DIO
AX93262 AXIOMTEK-AX93262_17 Datasheet
351Kb / 1P
ZIO module with four COM ports and one PCI Express Mini Card
AX93291 AXIOMTEK-AX93291 Datasheet
351Kb / 1P
ZIO module with two Gigabit Ethernet and two COM ports
AX93295 AXIOMTEK-AX93295 Datasheet
351Kb / 1P
ZIO module with two isolated COM ports and two USB 3.0 ports
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com