Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF9230 Datasheet(PDF) 6 Page - International Rectifier

Part # IRFF9230
Description  HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFF9230 Datasheet(HTML) 6 Page - International Rectifier

  IRFF9230 Datasheet HTML 1Page - International Rectifier IRFF9230 Datasheet HTML 2Page - International Rectifier IRFF9230 Datasheet HTML 3Page - International Rectifier IRFF9230 Datasheet HTML 4Page - International Rectifier IRFF9230 Datasheet HTML 5Page - International Rectifier IRFF9230 Datasheet HTML 6Page - International Rectifier IRFF9230 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRFF9230
6
www.irf.com
Fig12c. MaximumAvalancheEnergy
Vs.DrainCurrent
Fig12b. UnclampedInductiveWaveforms
Fig 12a. UnclampedInductiveTestCircuit
tp
V (BR)DSS
I AS
R G
IAS
0.0 1
Ω
tp
D.U.T
L
V DS
VDD
DRIV E R
A
15V
-20V
Fig13b. GateChargeTestCircuit
Fig13a. BasicGateChargeWaveform
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
VGS
-12V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com