Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3824 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC3824
Description  Silicon NPN triple diffusion planar type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3824 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC3824 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3824 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3824 Datasheet HTML 3Page - Panasonic Semiconductor 2SC3824 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3824, 2SC3824A
3
SJD00113AED
Rth  t
L
IC
IB1
VIN
tw
−I
B2
VCLAMP
VCC
T.U.T
0
1
3
2
4
0
1600
400
1200
800
Collector-emitter voltage V
CE (V)
ICP
IC
L=100µH
IC/IB=5
(2IB1=–IB2)
TC=25˚C
10−3
103
102
10
1
10−1
10−2
10−1
1
10
102
103
Time t (s)
(1)Without heat sink
(2)With a 50
×50×2mm Al heat sink
(1)
(2)
Safe operation area (Reverse bias)
Safe operation area (Reverse bias) measurement circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com