Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35CLQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 35CLQ045
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

35CLQ045 Datasheet(HTML) 1 Page - International Rectifier

  35CLQ045 Datasheet HTML 1Page - International Rectifier 35CLQ045 Datasheet HTML 2Page - International Rectifier 35CLQ045 Datasheet HTML 3Page - International Rectifier 35CLQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
35 Amp
35CLQ045
The 35CLQ045 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements of
hi -rel environments. It is packaged in the hermetic surface
mount SMD-1 ceramic package and has extremely low
reverse leakage at high temperature. Full MIL-PRF-19500
quality conformance testing is available on source control
drawings to JANTX, JANTXV and S levels.Typical
applications include switching power supplies and
resonant power converters.
• Hermetically Sealed
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• Surface Mount
• Center Tap
• Light Weight
Characteristics
35CLQ045
Units
IF(AV) Rectangular
35
A
Waveform
VRRM
45
V
IFSM @ tp = 8.3ms sine
300
A
VF @ 20Apk, TJ = 125°C
0.57
V
(Per Leg)
TJ, Tstg Operating and Storage -55 to 150
°C
Major Ratings and Characteristics
Description/Features
12/22/99
CASE STYLE
IR Case Style SMD-1
www.irf.com
1
ANODE COMMON ANODE
CATHODE
2
1
3
PD -20503C


Similar Part No. - 35CLQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
35CLQ045 IRF-35CLQ045 Datasheet
136Kb / 4P
SCHOTTKY RECTIFIER
35CLQ045 IRF-35CLQ045_15 Datasheet
136Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 35CLQ045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com