Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2Z16 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2Z16
Description  TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2Z16 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2Z16 Datasheet HTML 1Page - Toshiba Semiconductor 2Z16 Datasheet HTML 2Page - Toshiba Semiconductor 2Z16 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2Z12~2Z51
2000-12-01 1/3
TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
2Z12~2Z51
CONSTANT VOLTAGE REGULATION
TRANSIENT SUPPRESSORS
l Average Power Dissipation : P=1.5W
l Peak Reverse Power Dissipation
: PRSM=900W at tw=200µs
l Zener Voltage : VZ=12~51V
l Plastic Mold Package
MARK
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
P
1.5
W
Junction Temperature
Tj
−40 ~ 150
°C
Storage Temperature Range
Tstg
−40 ~ 150
°C
JEDEC
―
EIAJ
―
TOSHIBA
3−4B1A
Weight : 0.47 g
Unit in mm
· TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
· The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
· The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
· The information contained herein is subject to change without notice.
000707EAA1


Similar Part No. - 2Z16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2Z12 TOSHIBA-2Z12 Datasheet
135Kb / 2P
DIODE (CONSTANT VOLTAGE REGULATION, TRANSIENT SUPPRESSORS)
More results

Similar Description - 2Z16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TVR1B TOSHIBA-TVR1B Datasheet
93Kb / 3P
TOSHIBA Fast Recovery Diode Silicon Diffused Type
TVR5B TOSHIBA-TVR5B Datasheet
94Kb / 3P
TOSHIBA Fast Recovery Diode Silicon Diffused Type
U5ZA40C TOSHIBA-U5ZA40C Datasheet
100Kb / 4P
TOSHIBA Zener Diode Silicon Diffused-Junction Type
1ZC18 TOSHIBA-1ZC18 Datasheet
114Kb / 4P
TOSHIBA ZENER DIODE SILICON DIFFUSED TYPE
CRZ13 TOSHIBA-CRZ13 Datasheet
121Kb / 5P
TOSHIBA Zener Diode Silicon Epitaxial Type
U5ZA27C TOSHIBA-U5ZA27C Datasheet
135Kb / 4P
TOSHIBA ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
U5ZA48C TOSHIBA-U5ZA48C Datasheet
114Kb / 3P
TOSHIBA Zener Diode Silicon Diffused-Junction Type
U5ZA53C TOSHIBA-U5ZA53C Datasheet
87Kb / 3P
Silicon Diffused-Junction Type Zener Diode
CMZB27 TOSHIBA-CMZB27 Datasheet
177Kb / 5P
TOSHIBA Zener Diode Silicon Diffused Type
logo
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com