Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC4050RPFS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 54HC4050RPFS
Description  CMOS Logic Hex Non-Inverting Buffers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

54HC4050RPFS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  54HC4050RPFS Datasheet HTML 1Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 2Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 3Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 4Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 5Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 6Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 7Page - List of Unclassifed Manufacturers 54HC4050RPFS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
CMOS Logic Hex
54HC4050
©2001 Maxwell Technologies.
All rights reserved.
Non-Inverting Buffers
12.19.01 Rev 1
1000587
FEATURES:
• High speed CMOS logic hex non-inverting buffers
•RAD-PAK® radiation hardened against natural space radia-
tion
• Single Event Effects:
- SEL: > 120 MeV/mg/cm2
• Total dose hardness:
• - > 100 Krad (Si), depending upon space mission
• Package:
-16 Pin RAD-PAK® Flat Pack
• Typical propagation delay:
- 6ns at V
CC = 5V, CL = 15pF, TA = 25°C
• High-to-Low voltage level converter for up to V
I = 16V
• Fanout (over temperature range)
-10 LSTTL loads (Standard Outputs)
-15 LSTTL loads (Bus Driver Outputs)
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL logic ICs
• 2V to 6V operation
• High noise immunity
•-N
IL = 30%, NIH = 30% of VCC at VCC = 5V
DESCRIPTION:
Maxwell Technologies' 54HC4050 high speed CMOS Logic
Hex Non-Inverting Buffers features a greater than 100 krad(Si)
total dose tolerance, depending upon space mission. These
parts have a modified input protection structure that enables
them to be used as logic level translators which will convert
high-level logic to a low-level logic while operating off the low-
level logic supply. For example, 15V input pulse levels can be
down-converted to 0V to 5V logic levels. The modified input
protection structure protects the input from negative electro-
static discharge. The 54HC4050 can be used as simple buff-
ers or inverters without level translation.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
Logic Diagram


Similar Part No. - 54HC4050RPFS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
54HC4016J ONSEMI-54HC4016J Datasheet
349Kb / 11P
Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
logo
National Semiconductor ...
54HC4016J NSC-54HC4016J Datasheet
171Kb / 8P
Quad Analog Switch
logo
Silicon Supplies
54HC4040 SS-54HC4040 Datasheet
1Mb / 7P
High Speed CMOS Logic
Rev 1.0 15/09/25
logo
List of Unclassifed Man...
54HC4046RP ETC-54HC4046RP Datasheet
223Kb / 9P
Phase-Locked Loop
logo
Silicon Supplies
54HC4060 SS-54HC4060 Datasheet
776Kb / 7P
High Speed CMOS Logic
More results

Similar Description - 54HC4050RPFS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
HEX non-inverting buffers
January 1995
logo
Texas Instruments
CD74HC4049 TI-CD74HC4049 Datasheet
28Kb / 5P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
Fairchild Semiconductor
CD4010C FAIRCHILD-CD4010C Datasheet
53Kb / 5P
Hex Buffers (Non-Inverting)
logo
Texas Instruments
CD54HC4049 TI-CD54HC4049 Datasheet
331Kb / 7P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_07 Datasheet
261Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
CD54HC4049 TI-CD54HC4049_08 Datasheet
291Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
Hex non-inverting buffers
Rev. 05-11 November 2008
logo
Texas Instruments
CD54HC4049 TI1-CD54HC4049_18 Datasheet
645Kb / 10P
High-Speed CMOS Logic Hex Buffers, Inverting and Non-Inverting
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
Hex non-inverting buffers
HEF4050B NEXPERIA-HEF4050B Datasheet
724Kb / 12P
Hex non-inverting buffers
Rev. 10 - 23 June 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com