Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G79 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G79
Description  Single D-type flip-flop; positive-edge trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G79 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G79 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G79 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
2004 Sep 10
10
Philips Semiconductors
Product specification
Single D-type flip-flop; positive-edge trigger
74LVC1G79
Note
1. All typical values are measured at Tamb =25 °C.
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay
CP to Q
see Figs 6 and 8
1.65 to 1.95
1.0
−
12.5
ns
2.3 to 2.7
0.5
−
9.0
ns
2.7
0.5
−
8.0
ns
3.0 to 3.6
0.5
−
6.5
ns
4.5 to 5.5
0.5
−
5.0
ns
tsu
set-up time D to CP
see Figs 7 and 8
1.65 to 1.95
2.5
−−
ns
2.3 to 2.7
1.7
−−
ns
2.7
1.7
−−
ns
3.0 to 3.6
1.2
−−
ns
4.5 to 5.5
1.2
−−
ns
th
hold time D to CP
see Figs 7 and 8
1.65 to 1.95
0
−−
ns
2.3 to 2.7
0
−−
ns
2.7
0.5
−−
ns
3.0 to 3.6
0.5
−−
ns
4.5 to 5.5
0.5
−−
ns
tW
clock pulse width
HIGH or LOW
see Figs 7 and 8
1.65 to 1.95
3.0
−−
ns
2.3 to 2.7
2.5
−−
ns
2.7
2.5
−−
ns
3.0 to 3.6
2.5
−−
ns
4.5 to 5.5
2.0
−−
ns
fmax
maximum clock pulse
frequency
see Figs 7 and 8
1.65 to 1.95
160
−−
MHz
2.3 to 2.7
160
−−
MHz
2.7
160
−−
MHz
3.0 to 3.6
160
−−
MHz
4.5 to 5.5
200
−−
MHz
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com