Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3280 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # 3280
Description  CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3280 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button 3280 Datasheet HTML 3Page - Allegro MicroSystems 3280 Datasheet HTML 4Page - Allegro MicroSystems 3280 Datasheet HTML 5Page - Allegro MicroSystems 3280 Datasheet HTML 6Page - Allegro MicroSystems 3280 Datasheet HTML 7Page - Allegro MicroSystems 3280 Datasheet HTML 8Page - Allegro MicroSystems 3280 Datasheet HTML 9Page - Allegro MicroSystems 3280 Datasheet HTML 10Page - Allegro MicroSystems 3280 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3280, 3281, AND 3283
CHOPPER-STABILIZED,
PRECISION
HALL-EFFECT LATCHES
www.allegromicro.com
9
PACKAGE DESIGNATOR ‘LH’
(SOT23W, fits SC-59A solder-pad layout)
NOTES: 1.
Tolerances on package height and width represent allowable mold offsets. Dimensions given are
measured at the widest point (parting line).
2.
Exact body and lead configuration at vendor’s option within limits shown.
3.
Height does not include mold gate flash.
4.
Where no tolerance is specified, dimension is nominal.
5.
Add "LT" to part number for tape and reel.
Dimensions in Inches
(for reference only)
Dimensions in Millimeters
(controlling dimensions)
Dwg. MA-011-3 in
12
0.039
0.094
0.037
0.028
3
Dwg. MA-011-3 mm
12
1.00
2.40
0.95
0.70
3
Dwg. MA-010-3D in
12
0.006
0.000
0.0079
0.0050
0.083
0.073
0.118
0.106
0.037
BSC
0.022
REF
0.020
0.012
3
0.045
0.032
0
° TO 8°
0.010
MIN
GAUGE PLANE
SEATING PLANE
0.010
BSC
0.122
0.114
Dwg. MA-010-3D mm
12
0.15
0.00
0.20
0.127
2.10
1.85
3.00
2.70
0.95
BSC
0.55
REF
0.50
0.30
3
1.13
0.87
0
° TO 8°
0.25
MIN
GAUGE PLANE
SEATING PLANE
0.25
BSC
3.10
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com