Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFECV10M7CQ0C01-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SFECV10M7CQ0C01-R0
Description  Filters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SFECV10M7CQ0C01-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SFECV10M7CQ0C01-R0_17 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SFECV10M7CQ0C01-R0_17 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SFECV10M7CQ0C01-R0_17 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
Note: This datasheet may be out of date.
Please download the latest datasheet of SFECV10M7CQ0C01-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en-us/products/productdetail?partno=SFECV10M7CQ0C01-R0
SFECV10M7CQ0C01-R0
Specifications
Operating Temperature Range
-
20
to
80
Shape
SMD
Elements
2
Center Frequency
10.700MHz
Center Frequency Tolerance
±40kHz
Nominal Center Value
No
3dB Bandwidth
500kHz±40kHz
Stop Bandwidth
950kHz
Area of Stop Bandwidth
[within 20dB]
Spurious Attenuation
20dB[within 5MHz to fo]
Insertion Loss
2.0dB+2.0/-1.0dB(at minimum loss
point)
Ripple
1.5dBmax.(at minimum loss point)
Input/Output Impedance
470Ω
2 of 3
Atten ti o n
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2017/11/06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com