Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA2402 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # ACA2402
Description  750/870 MHz CATV Push-Pull Line Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2402 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button ACA2402 Datasheet HTML 3Page - ANADIGICS, Inc ACA2402 Datasheet HTML 4Page - ANADIGICS, Inc ACA2402 Datasheet HTML 5Page - ANADIGICS, Inc ACA2402 Datasheet HTML 6Page - ANADIGICS, Inc ACA2402 Datasheet HTML 7Page - ANADIGICS, Inc ACA2402 Datasheet HTML 8Page - ANADIGICS, Inc ACA2402 Datasheet HTML 9Page - ANADIGICS, Inc ACA2402 Datasheet HTML 10Page - ANADIGICS, Inc ACA2402 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.2
11/2002
7
ACA2402
-85
-80
-75
-70
-65
-60
37
38
39
40
41
42
43
Output Power (dBmV)
220 mA
230 mA
240 mA
250 mA
260 mA
270 mA
Supply Current:
Figure 7: CTB vs. Output Power at Worst-case Channel/Frequency
(128 total channels, 110 analog channels, flat output)
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
37
38
39
40
41
42
43
Output Power (dBmV)
220 mA
230 mA
240 mA
250 mA
260 mA
270 mA
Supply Current:
Figure 9: XMOD vs. Output Power at Worst-case Channel/Frequency
(128 total channels, 110 analog channels, flat output)
-75
-70
-65
-60
37
38
39
40
41
42
43
Output Power (dBmV)
220 mA
230 mA
240 mA
250 mA
260 mA
270 mA
Supply Current:
Figure 8: CSO vs. Output Power at Worst-case Channel/Frequency
(128 total channels, 110 analog channels, flat output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com