Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV6416 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT49BV6416
Description  64-megabit (4M x 16) Page Mode 2.7-volt Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV6416 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT49BV6416 Datasheet HTML 17Page - ATMEL Corporation AT49BV6416 Datasheet HTML 18Page - ATMEL Corporation AT49BV6416 Datasheet HTML 19Page - ATMEL Corporation AT49BV6416 Datasheet HTML 20Page - ATMEL Corporation AT49BV6416 Datasheet HTML 21Page - ATMEL Corporation AT49BV6416 Datasheet HTML 22Page - ATMEL Corporation AT49BV6416 Datasheet HTML 23Page - ATMEL Corporation AT49BV6416 Datasheet HTML 24Page - ATMEL Corporation AT49BV6416 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
21
3451C–FLASH–2/05
AT49BV6416(T)
19. Page Read Cycle Waveform
18. AC Asynchronous Read Timing Characteristics
Symbol
Parameter
Min
Max
Units
t
ACC
Access, Address to Data Valid
70
ns
t
CE
Access, CE to Data Valid
70
ns
tOE
OE to Data Valid
20
ns
t
DF
CE, OE High to Data Float
25
ns
t
RO
RESET to Output Delay
150
ns
tPAA
Page Address Access Time
20
ns
tCE
tACC
tDF
tDF
DATA VALID
CE
I/O0-I/O15
A2 -A21
OE
tOE
RESET
tRO
tACC
A0 -A1
tPAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com