Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1051910 Datasheet(PDF) 7 Page - SICK AG

Part # 1051910
Description  PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1051910 Datasheet(HTML) 7 Page - SICK AG

  1051910 Datasheet HTML 1Page - SICK AG 1051910 Datasheet HTML 2Page - SICK AG 1051910 Datasheet HTML 3Page - SICK AG 1051910 Datasheet HTML 4Page - SICK AG 1051910 Datasheet HTML 5Page - SICK AG 1051910 Datasheet HTML 6Page - SICK AG 1051910 Datasheet HTML 7Page - SICK AG 1051910 Datasheet HTML 8Page - SICK AG 1051910 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WL9M4G-3P3432 | W9-3 Glass
PHOTOELECTRIC SENSORS
Recommended accessories
Other models and accessories
www.sick.com/W9-3_Glass
Brief description
Type
Part no.
Universal bar clamp systems
Plate N02 for universal clamp bracket, Zinc plated steel (sheet), Zinc die cast (clamping
bracket), Universal clamp (5322626), mounting hardware
BEF-KHS-N02
2051608
Mounting brackets and plates
Mounting bracket for wall mounting, steel, zinc coated, mounting hardware included
BEF-W160
5305197
Mounting bracket, steel, zinc coated, mounting hardware included
BEF-WN-W9-2
2022855
Adapter plate, Stainless steel
BEF-AP-W9
2022734
Fastening plate with threaded sleeve M3, PMMA, Brass (Br)
BEF-GPM3-W9
4066039
Masks
2,0
1,5
1,0
0,5
Mask card, vertical/horizontal slots, slot width: 0.5 mm / 1.0 mm / 1.5 mm / 2.0 mm
BL-9-2
4033253
Reflectors
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Fine triple reflector, screw connection, suitable for laser sensors, 47 mm x 47 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
P250F
5308843
Fine triple reflector, screw connection, suitable for laser sensors, 18 mm x 18 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL10F
5311210
Fine triple reflector, screw connection, suitable for laser sensors, 38 mm x 16 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL20F
5308844
Fine triple reflector, screw connection, suitable for laser sensors, 56 mm x 28 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL30F
5326523
Fine triple reflector, screw connection, suitable for laser sensors, 76 mm x 45 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL81-1F
5325060
Suitable for laser sensors, self-adhesive, cut, see alignment note, 56.3 mm x 56.3 mm,
self-adhesive
REF-AC1000-56
4063030
Fine triple reflector, chemically resistant, screw connection, 18 mm x 18 mm, Plastic,
Screw-on, 2 hole mounting
PL10F CHEM
5321636
2017-07-11 19:36:27 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com