Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT653EN Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT653EN
Description  FCT Interface Logic, Octal Bus Transceivers/ Registers, Open Drain (A Side), Three-State (B Side)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT653EN Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT653EN Datasheet HTML 1Page - Texas Instruments CD74FCT653EN Datasheet HTML 2Page - Texas Instruments CD74FCT653EN Datasheet HTML 3Page - Texas Instruments CD74FCT653EN Datasheet HTML 4Page - Texas Instruments CD74FCT653EN Datasheet HTML 5Page - Texas Instruments CD74FCT653EN Datasheet HTML 6Page - Texas Instruments CD74FCT653EN Datasheet HTML 7Page - Texas Instruments CD74FCT653EN Datasheet HTML 8Page - Texas Instruments CD74FCT653EN Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
8-1
Data sheet acquired from Harris Semiconductor
SCHS263
Features
• Buffered Inputs
• Typical Propagation Delay:
6.8ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• CD74FCT653
- Inverting
• CD74FCT654
- Non-Inverting
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 64mA Output Sink Current
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Description
The CD74FCT653 and CD74FCT654 octal bus transceiv-
ers/registers use a small geometry BiCMOS technology. The
output stage is a combination of bipolar and CMOS transistors
that limits the output HIGH level to two diode drops below VCC.
This resultant lowering of output swing (0V to 3.7V) reduces
power bus ringing (a source of EMI) and minimizes VCC
bounce and ground bounce and their effects during simulta-
neous
output
switching.
The
output
configuration
also
enhances switching speed and is capable of sinking 64mA.
The CD74FCT653 is an inverting type having open drains on
the A output and three state outputs on the B side. The
CD74FCT654 differs only in that it is a noninverting type. These
devices consist of bus transceiver circuits, D-Type flip-flops, and
control circuitry arranged for multiplexed transmission of data
directly from the data bus or from the internal storage registers.
Output Enables OEAB and OEBA are provided to control the
transceiver functions. SAB and SBA control pins are provided
to select whether real-time or stored data is transferred. The cir-
cuitry used for select control will eliminate the typical decoding
glitch that occurs in a multiplexer during the transition between
stored and real-time data. A LOW input level selects real-time
data and a HIGH selects stored data. The following examples
demonstrate the four fundamental bus management functions
that can be performed with the octal bus transceivers and regis-
ters.
Data on the A or B data bus, or both, can be stored in the inter-
nal D flip-flops by low to high transitions at the appropriate clock
pins (CAB or CBA) regardless of the select or enable control
pins. When SAB and SBA are in the real-time transfer mode, it
is also possible to store data without using the internal D-Type
flip-flops by simultaneously enabling OEAB and OEBA. In this
configuration, each output reinforces its input. Thus, when all
other data sources to the two sets of bus lines are at high
impedance, each set of bus lines will remain at its last state.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT653EN
0 to 70
24 Ld PDIP
E24.3
CD74FCT654EN
0 to 70
24 Ld PDIP
E24.3
CD74FCT653M
0 to 70
24 Ld SOIC
M24.3
CD74FCT654M
0 to 70
24 Ld SOIC
M24.3
NOTE: When ordering the suffix M packages, use the entire part
number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT653
(PDIP, SOIC)
TOP VIEW
CD74FCT654
(PDIP, SOIC)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OEBA
B0
B1
B3
B5
B6
B7
CBA
B2
B4
1
2
3
4
5
6
7
8
9
10
11
12
CAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
SBA
OEBA
B0
B1
B3
B5
B6
B7
CBA
B2
B4
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1997
CD74FCT653,
CD74FCT654
FCT Interface Logic, Octal Bus Transceivers/
Registers, Open Drain (A Side), Three-State (B Side)
File Number
2403.2
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology


Similar Part No. - CD74FCT653EN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT653EN TI1-CD74FCT653EN Datasheet
259Kb / 11P
BiCMOS OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CD74FCT653EN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74FCT240 TI-CD54-74FCT240 Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
CD74FCT861A TI1-CD74FCT861A Datasheet
101Kb / 10P
BiCMOS FCT Interface Logic, 10-Bit Bus Transceiver, Three-State
CD74FCT863A TI1-CD74FCT863A Datasheet
100Kb / 9P
BiCMOS FCT Interface Logic, 9-Bit Bus Transceiver, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com