Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9239 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9239
Description  Serial Output 1.8 V ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9239 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9239 Datasheet HTML 20Page - Analog Devices AD9239 Datasheet HTML 21Page - Analog Devices AD9239 Datasheet HTML 22Page - Analog Devices AD9239 Datasheet HTML 23Page - Analog Devices AD9239 Datasheet HTML 24Page - Analog Devices AD9239 Datasheet HTML 25Page - Analog Devices AD9239 Datasheet HTML 26Page - Analog Devices AD9239 Datasheet HTML 27Page - Analog Devices AD9239 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Data Sheet
AD9239
Rev. E | Page 23 of 40
Digital Start-Up Sequence
The output digital data from the AD9239 is coded and packetized,
which requires the device to have a certain start-up sequence.
A specific set of procedures must be initialized by the user to
capture coherent data at the receiving logic and optionally
minimize skew and time misalignment.
Minimize Skew and Time Misalignment (Optional)
To minimize skew and time misalignment between each
channel of the digital outputs, take the following actions to
ensure that each channel data packet is within ±1 clock cycle of
its specified switching time. For some receiver logic, this is not
required.
1.
Power down the device fully through the external PDWN pin.
2.
Perform a chip reset via the external RESET pin.
3.
Power up the device by releasing the external PDWN pin.
Link Initialization (Required)
1.
Initialize a soft reset via Bit 5 of Register 0 (see Table 16).
2.
All PGMx pins are automatically initialized as sync pins by
default. Use these pins to lock the FPGA timing and data
capture during initial startup. These pins are respective to
each channel (PGM3 = Channel A).
3.
Each sync pin is held low until its respective PGMx pin
receives a high signal input from the receiver, during which
time the ADC outputs a training pattern. The training
pattern values are shown in Table 9. These values can also
be read back via the SPI in Register 19 through Register 20.
4.
When the receiver finds the frame boundary, the sync
identification is deasserted high via the sync pin or via an
SPI write. The ADC outputs the valid data on the next packet
boundary. The time necessary for sync establishment is highly
dependent on the receiver logic processing. Refer to the
Switching Specifications section; the switching timing is
directly related to the ADC channel.
5.
When the device reaches steady state operation, the PGMx
pins can each be assigned to be a standby option by using
Register 53 (see Table 16). All other pins act as universal
sync pins.
Table 9. Training Pattern for Link Initialization
Training Pattern
Pattern LSB
Pattern MSB
1
0xA5
0x66
2
0x53
0x35
3
0xBB
0xDD
4
0xAA
0xCC
Digital Outputs and Timing
The AD9239 has differential digital outputs that power up on
default. The driver current is derived on chip and sets the output
current at each output equal to a nominal 4 mA. Each output
presents a 100 Ω dynamic internal termination to reduce unwanted
reflections.
A 100 Ω differential termination resistor should be placed at each
receiver input to result in a nominal 400 mV p-p swing at the
receiver. Alternatively, single-ended 50 Ω termination can be
used. When single-ended termination is used, the termination
voltage should be DRVDD/2; otherwise, ac coupling capacitors
can be used to terminate to any single-ended voltage.
The AD9239 digital outputs can interface with custom application-
specific integrated circuits (ASICs) and field-programmable gate
array (FPGA) receivers, providing superior switching performance
in noisy environments. Single point-to-point net topologies are
recommended with a single differential 100 Ω termination resistor
placed as close to the receiver logic as possible. The common mode
of the digital output automatically biases itself to half the supply
of DRVDD if dc-coupled connecting is used. For receiver logic
that is not within the bounds of the DRVDD supply, an ac-coupled
connection should be used. Simply place a 0.1 μF capacitor on
each output pin and derive a 100 Ω differential termination
close to the receiver side.
If there is no far-end receiver termination or there is poor
differential trace routing, timing errors may result. To avoid
such timing errors, it is recommended that the trace length be
less than 6 inches and that the differential output traces be close
together and at equal lengths.
100Ω
100Ω
DIFFERENTIAL
TRACE PAIR
DOUT + x
DRVDD
DOUT – x
VCM = DRVDD/2
OUTPUT SWING = 400mV p-p
RECEIVER
Figure 61. DC-Coupled Digital Output Termination Example
100Ω
OR
100Ω
DIFFERENTIAL
TRACE PAIR
DOUT + x
DRVDD
VRXCM
DOUT – x
VCM = Rx VCM
OUTPUT SWING = 400mV p-p
0.1µF
0.1µF
RECEIVER
Figure 62. AC-Coupled Digital Output Termination Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com